Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP04 Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # SL23EP04
Description  Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04 Datasheet(HTML) 4 Page - SpectraLinear Inc

  SL23EP04 Datasheet HTML 1Page - SpectraLinear Inc SL23EP04 Datasheet HTML 2Page - SpectraLinear Inc SL23EP04 Datasheet HTML 3Page - SpectraLinear Inc SL23EP04 Datasheet HTML 4Page - SpectraLinear Inc SL23EP04 Datasheet HTML 5Page - SpectraLinear Inc SL23EP04 Datasheet HTML 6Page - SpectraLinear Inc SL23EP04 Datasheet HTML 7Page - SpectraLinear Inc SL23EP04 Datasheet HTML 8Page - SpectraLinear Inc SL23EP04 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev 1.1, May 25, 2007
Page 4 of 14
SL23EP04
Absolute Maximum Ratings (All Products)
Description
Condition
Min
Max
Unit
Supply voltage, VDD
-0.5
4.6
V
All Inputs and Outputs
-0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
-40
85
°C
Storage Temperature
No power is applied
-65
150
°C
Junction Temperature
In operation, power is applied
-
125
°C
Soldering Temperature
-
260
°C
ESD Rating (Human Body Model)
MIL-STD-883, Method 3015
2000
-
V
Operating Conditions (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.97
3.3
3.63
V
Operating Temperature
TA
Ambient Temperature
0
-
70
°C
Input Capacitance
VIH
Pins 1 and 8
-
5
7
pF
DC Electrical Characteristics (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
CLKIN and FBK
0.8
V
Input HIGH Voltage
VINH
CLKIN and FBK
2.0
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
CLKIN and FBK
–20
50
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
CLKIN and FBK
–20
50
µA
Input LOW Voltage
VINL
CLKIN and FBK
0.8
V
Input HIGH Voltage
VINH
CLKIN and FBK
2.0
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
CLKIN and FBK
–20
50
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
CLKIN and FBK
–20
50
µA
IOL = 8 mA ( -1, -2 drives)
0.4
V
Output LOW Voltage
VOL
IOL = 12 mA (-1H, -2H drives)
0.4
V


Similar Part No. - SL23EP04

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
   10 to 220 MHz operating frequency range
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZZC-1 SILABS-SL23EP04NZZC-1 Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Similar Description - SL23EP04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com