Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBB-302 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NBB-302
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-302 Datasheet(HTML) 7 Page - RF Micro Devices

  NBB-302_1 Datasheet HTML 1Page - RF Micro Devices NBB-302_1 Datasheet HTML 2Page - RF Micro Devices NBB-302_1 Datasheet HTML 3Page - RF Micro Devices NBB-302_1 Datasheet HTML 4Page - RF Micro Devices NBB-302_1 Datasheet HTML 5Page - RF Micro Devices NBB-302_1 Datasheet HTML 6Page - RF Micro Devices NBB-302_1 Datasheet HTML 7Page - RF Micro Devices NBB-302_1 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
NBB-302
Rev A6 DS060124
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Device Voltage versus Amplifier Current
3.70
3.75
3.80
3.85
3.90
3.95
4.00
35.00
40.00
45.00
50.00
55.00
60.00
Amplifier Current, ICC (mA)
P1dB versus Frequency at +25°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Frequency (GHz)
POUT/Gain versus PIN at 14 GHz
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
PIN (dBm)
Pout (dBm)
Gain (dB)
POUT/Gain versus PIN at 6 GHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
PIN (dBm)
Pout (dBm)
Gain (dB)
Third Order Intercept versus Frequency at +25°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Frequency (GHz)


Similar Part No. - NBB-302_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results

Similar Description - NBB-302_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_13 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB_312 QORVO-NBB_312 Datasheet
587Kb / 10P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-300 RFMD-NBB-300 Datasheet
566Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-302 RFMD-NBB-302_13 Datasheet
329Kb / 4P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
NBB-310 RFMD-NBB-310_13 Datasheet
557Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com