Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2192 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices RF2192 Datasheet HTML 10Page - RF Micro Devices RF2192 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF2192
Rev A8 DS060918
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
US-CDMA
C25
4.7
μF
C30
C6
100 pF
C5
100 pF
C27
100 pF
R1
0
Ω
C13
100 pF
C1**
C14**
C3
100 pF
L1*
C4
100 pF
C28
10 nF
C2
4.7 uF
C17
2.4 pF
R3
0
Ω
TL1
TL2
C26
4.7
μF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
16
1
13
14
15
2
3
4
9
8
7
6
5
12
11
10
L4
39 nH
R4
0
Ω
L2
5.6 nH
J1
RF IN
VCC
L5
1 nH
J4
RF OUT
VREG
VMODE
TL5
C24
12 pF
TL3
Transmission
Line Length
CDMA (US)
TL1
15 mils
TL2
350 mils
TL3
105 mils
TL5
85 mils
CDMA (US)
100
9.1
20
9.1
Board
C30 (pF)
C1 (pF)
L1 (nH)
C14 (pF)
R2
510
Ω
C9
100 pF


Similar Part No. - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192PCBA RFMD-RF2192PCBA Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF2192PCBA-41X RFMD-RF2192PCBA-41X Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF2192

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
   3V 900MHZ LINEAR AMPLIFIER
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
   3V 900MHz LINEAR AMPLIFIER
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com