Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS9360B Datasheet(PDF) 4 Page - Orister Corporation

Part # RS9360B
Description  Charge-Pump White LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS9360B Datasheet(HTML) 4 Page - Orister Corporation

  RS9360B Datasheet HTML 1Page - Orister Corporation RS9360B Datasheet HTML 2Page - Orister Corporation RS9360B Datasheet HTML 3Page - Orister Corporation RS9360B Datasheet HTML 4Page - Orister Corporation RS9360B Datasheet HTML 5Page - Orister Corporation RS9360B Datasheet HTML 6Page - Orister Corporation RS9360B Datasheet HTML 7Page - Orister Corporation RS9360B Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page No. : 4/8
DS-RS9360-01 Aug, 2006
www.Orister.com
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3~6
V
Output Voltage
VOUT
-0.3~6
V
Power Dissipation ( QFN-16L 4X4 ) @ 25
oC
PD
2.5
W
Maximum Junction Temperature
TJ
125
oC
Lead Temperature
T-LEAD
260
oC
Operating Temperature Range
TOPR
-40 to + 85
oC
Storage Temperature Range
TSTG
-40 to + 85
oC
HBM ESD
ESD
2000
V
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage.
These values must therefore not be exceeded under any condition.
Operations
The RS9360 is a high efficiency charge pump white LED driver. It provides 4 channels low drop-out voltage current source to
regulated 4 white LEDs current. For high efficiency, the RS9360 implements x1/x1.5/x2 mode charge pump. An external RSET is
used to set the current of white LED. RS9360 has a input current regulation to reduce the input ripple.
Soft Start
The RS9360 includes a soft start circuit to limit the inrush current at power on and mode switching. Soft start circuit holds the input
current level long enough for output capacitor COUT reaching a desired voltage level. When the soft start off, the RS9360 won’ t
sink spike current from VIN.
Mode Decision
The RS9360 uses a smart mode decision method to select the working mode for maximum efficiency. Mode decision circuit
senses the output and LED voltage for up/down selection.
Dimming Control
CTRL0, CTRL1 and CTRL2 are used to control the onoff of White LED. When a external PWM signal is connected to the control
pin, brightness of white LED is adjusted by the duty cycle.
LED Current Setting
The current of white LED connected to RS9360 can be set by RSET. Every current flows through the white LED is 440 times
greater than the current of RSET. The white LED can be estimated by following equation:
⎟⎟
⎜⎜
×
=
SET
ISET
LED
R
V
I
440
When VISET = 1.1V, and RSET is the resistance connected from ISET to GND.
Thermal Shutdown
The RS9360 provides a high current capability to drive 4 white LEDs. A thermal shutdown circuit is needed to protect the chip from
thermal damage. When the chip reaches the shutdown temperature 150℃, the thermal shutdown circuit turns off the chip to
prevent the thermal accumulation in the chip.
Overvoltage Protection
The RS9360 regulates the output voltage by controlling the input current. When the output voltage reaches the designated level,
the RS9360 reduces the input current. And then, the output voltage regulation also serves an over-voltage protection.
Short Circuit Protection
A current limiting circuit is also included in theRS9360 for short circuit protection. Whenever output source a dangerously high
current, the current limiting circuit takes over the output regulation circuit and reduces the output current at an acceptable level.


Similar Part No. - RS9360B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
RS9113 SILABS-RS9113 Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9113-N00-D0F SILABS-RS9113-N00-D0F Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9113-N00-D1F SILABS-RS9113-N00-D1F Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9113DB SILABS-RS9113DB Datasheet
3Mb / 56P
   RS9113 FIPS 140-2 802.11n Module
Version 1.1
RS9116 SILABS-RS9116 Datasheet
3Mb / 82P
   RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
More results

Similar Description - RS9360B

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com