Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1117SJ-E Datasheet(PDF) 2 Page - Orister Corporation

Part # RS1117SJ-E
Description  1.0A Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS1117SJ-E Datasheet(HTML) 2 Page - Orister Corporation

  RS1117SJ-E Datasheet HTML 1Page - Orister Corporation RS1117SJ-E Datasheet HTML 2Page - Orister Corporation RS1117SJ-E Datasheet HTML 3Page - Orister Corporation RS1117SJ-E Datasheet HTML 4Page - Orister Corporation RS1117SJ-E Datasheet HTML 5Page - Orister Corporation RS1117SJ-E Datasheet HTML 6Page - Orister Corporation RS1117SJ-E Datasheet HTML 7Page - Orister Corporation RS1117SJ-E Datasheet HTML 8Page - Orister Corporation RS1117SJ-E Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page No. : 2/2
DS-RS1117-04
Dec, 2007
www.Orister.com
Electrical Characteristics
RS1117-1.8
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
TJ=25
oC
1.782
1.800
1.818
Output Voltage
VOUT
VIN=5V, IO=0A
TJ=0
oC to 70 oC
1.764
1.800
1.836
V
Line Regulation
REGLINE
VIN=4.75V to 7V, IO=0A
TJ=0
oC to 70 oC
-
-
0.2
Load Regulation
REGLOAD
VIN=5V, IO=0A to 1A
TJ=0
oC to 70 oC
-
0.1
1.0
%
Dropout Voltage
VDROPOUT
VO=±3%, IO=1A
TJ=0
oC to 70 oC
-
1.2
1.4
V
Current Limit
IS
VIN=4.75V to 7V
TJ=0
oC to 70 oC
1.0
1.5
-
A
Quiescent Current
IQ
VIN=5V, IO=0A to 1A
TJ=0
oC to 70 oC
-
6.0
13
mA
Temp. Coefficient
TC
VIN=4.75V to 7V, IO=0A to 1A
-
0.005
-
%/
oC
Temp. Stability
TS
VIN=5V, IO=100mA
TJ=0
oC to 70 oC
-
0.5
-
%
RMS Output Noise
VN
10Hz ≦ f ≦ 10KHz
TJ=25
oC
-
0.003
-
%△VO
Ripple Rejection Ratio
RA
VIN=5V, IO=1A
TJ=0
oC to 70 oC
60
72
-
dB
RS1117-5.0
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
TJ=25
oC
4.950
5.000
5.050
Output Voltage
VOUT
VIN=7V, IO=0A
TJ=0
oC to 70 oC
4.900
5.000
5.100
V
Line Regulation
REGLINE
VIN=7V to 9V, IO=0A
TJ=0
oC to 70 oC
-
-
0.2
Load Regulation
REGLOAD
VIN=7V, IO=0A to 1A
TJ=0
oC to 70 oC
-
0.1
1.0
%
Dropout Voltage
VDROPOUT
VO=±1%, IO=0A to 1A
TJ=0
oC to 70 oC
-
1.2
1.4
V
Current Limit
IS
VIN=7V to 10V
TJ=0
oC to 70 oC
1.0
1.5
-
A
Quiescent Current
IQ
VIN=7V, IO=0A to 1A
TJ=0
oC to 70 oC
-
6.0
13
mA
Temp. Coefficient
TC
VIN=7V to 10V, IO=0A to 1A
-
0.005
-
%/
oC
Temp. Stability
TS
VIN=5V, IO=100mA
TJ=0
oC to 70 oC
-
0.5
-
%
RMS Output Noise
VN
10Hz ≦ f ≦ 10KHz
TJ=25
oC
-
0.003
-
%△VO
Ripple Rejection Ratio
RA
VIN=5V, IO=1A
TJ=0
oC to 70 oC
60
72
-
dB
RS1117-3.3
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
TJ=25
oC
3.270
3.300
3.330
Output Voltage
VOUT
VIN=5V, IO=0A
TJ=0
oC to 70 oC
3.234
3.300
3.330
V
Line Regulation
REGLINE
VIN=4.75V to 7V, IO=0A
TJ=0
oC to 70 oC
-
-
0.2
Load Regulation
REGLOAD
VIN=5V, IO=0A to 1A
TJ=0
oC to 70 oC
-
0.1
1.0
%
Dropout Voltage
VDROPOUT
VO=±1%, IO=0A to 1A
TJ=0
oC to 70 oC
-
1.2
1.4
V
Current Limit
IS
VIN=4.75V to 7V
TJ=0
oC to 70 oC
1.0
1.5
-
A
Quiescent Current
IQ
VIN=5V, IO=0A to 1A
TJ=0
oC to 70 oC
-
6.0
13
mA
Temp. Coefficient
TC
VIN=4.75V to 7V, IO=0A to 1A
-
0.005
-
%/
oC
Temp. Stability
TS
VIN=5V, IO=100mA
TJ=0
oC to 70 oC
-
0.5
-
%
RMS Output Noise
VN
10Hz ≦ f ≦ 10KHz
TJ=25
oC
-
0.003
-
%△VO
Ripple Rejection Ratio
RA
VIN=5V, IO=1A
TJ=0
oC to 70 oC
60
72
-
dB
RS1117-2.5
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
TJ=25
oC
2.475
2.500
2.525
Output Voltage
VOUT
VIN=5V, IO=0A
TJ=0
oC to 70 oC
2.450
2.500
2.550
V
Line Regulation
REGLINE
VIN=4.75V to 7V, IO=0A
TJ=0
oC to 70 oC
-
-
0.2
Load Regulation
REGLOAD
VIN=5V, IO=0A to 1A
TJ=0
oC to 70 oC
-
0.1
1.0
%
Dropout Voltage
VDROPOUT
VO=±1%, IO=0A to 1A
TJ=0
oC to 70 oC
-
1.2
1.4
V
Current Limit
IS
VIN=4.75V to 7V
TJ=0
oC to 70 oC
1.0
1.5
-
A
Quiescent Current
IQ
VIN=5V, IO=0A to 1A
TJ=0
oC to 70 oC
-
6.0
13
mA
Temp. Coefficient
TC
VIN=4.75V to 7V, IO=0A to 1A
-
0.005
-
%/
oC
Temp. Stability
TS
VIN=5V, IO=100mA
TJ=0
oC to 70 oC
-
0.5
-
%
RMS Output Noise
VN
10Hz ≦ f ≦ 10KHz
TJ=25
oC
-
0.003
-
%△VO
Ripple Rejection Ratio
RA
VIN=5V, IO=1A
TJ=0
oC to 70 oC
60
72
-
dB


Similar Part No. - RS1117SJ-E

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117A-12EG ORISTER-RS1117A-12EG Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-12EP ORISTER-RS1117A-12EP Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A-12JG ORISTER-RS1117A-12JG Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
More results

Similar Description - RS1117SJ-E

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
   1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
   1.0A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com