Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3166 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF3166
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF3166 Datasheet HTML 7Page - RF Micro Devices RF3166 Datasheet HTML 8Page - RF Micro Devices RF3166 Datasheet HTML 9Page - RF Micro Devices RF3166 Datasheet HTML 10Page - RF Micro Devices RF3166 Datasheet HTML 11Page - RF Micro Devices RF3166 Datasheet HTML 12Page - RF Micro Devices RF3166 Datasheet HTML 13Page - RF Micro Devices RF3166 Datasheet HTML 14Page - RF Micro Devices RF3166 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11 of 16
RF3166
Rev A3 DS061031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Theory of Operation
Overview
The RF3166 is a quad-band GSM850, EGSM900, DCS1800, and PCS1900 power amplifier module that incorporates an indi-
rect closed loop method of power control. This simplifies the phone design by eliminating the need for the complicated control
loop design. The indirect closed loop appears as an open loop to the user and can be driven directly from the DAC output in the
baseband circuit.
Theory of Operation
The indirect closed loop is essentially a closed loop method of power control that is invisible to the user. Most power control
systems in GSM sense either forward power or collector/drain current. The RF3166 does not use a power detector. A high-
speed control loop is incorporated to regulate the collector voltage of the amplifier while the stage are held at a constant bias.
The VRAMP signal is multiplied by a factor of 2.3 and the collector voltage for all three stages is regulated to the multiplied
VRAMP voltage. The basic circuit is shown in the following diagram.
By regulating the power, the stages are held in saturation across all power levels. As the required output power is decreased
from full power down to 0dBm, the collector voltage is also decreased. This regulation of output power is demonstrated in
Equation 1 where the relationship between collector voltage and output power is shown. Although load impedance affects out-
put power, supply fluctuations are the dominate mode of power variations. With the RF3166 regulating collector voltage, the
dominant mode of power fluctuations is eliminated.
(Eq. 1)
There are several key factors to consider in the implementation of a transmitter solution for a mobile phone. Some of them are:
• Current draw and system efficiency
• Power variation due to Supply Voltage
• Power variation due to frequency
• Power variation due to temperature
• Input impedance variation
• Noise power
• Loop stability
• Loop bandwidth variations across power levels
• Burst timing and transient spectrum trade offs
•Harmonics
VRAMP
-
+
-
+
H(s)
VBATT
Saturation
Detector
RF IN
RF OUT
TX ENABLE
3 dB BW
300 kHz
P
dBm
10
2 V
CC
V
SAT
()
2
8 R
LOAD
10
3
⋅⋅
-------------------------------------------
log
=


Similar Part No. - RF3166

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
logo
REYCONNS CHINA LIMITED
RF3166 REYCONNS-RF3166 Datasheet
249Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF3166ASMPCBA-410 RFMD-RF3166ASMPCBA-410 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
More results

Similar Description - RF3166

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com