Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3398PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3398PCBA
Description  GENERAL PURPOSE AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3398PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF3398PCBA Datasheet HTML 1Page - RF Micro Devices RF3398PCBA Datasheet HTML 2Page - RF Micro Devices RF3398PCBA Datasheet HTML 3Page - RF Micro Devices RF3398PCBA Datasheet HTML 4Page - RF Micro Devices RF3398PCBA Datasheet HTML 5Page - RF Micro Devices RF3398PCBA Datasheet HTML 6Page - RF Micro Devices RF3398PCBA Datasheet HTML 7Page - RF Micro Devices RF3398PCBA Datasheet HTML 8Page - RF Micro Devices RF3398PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF3398
Rev A8 DS051025
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Layout
Board Size 1.195" x 1.000"
Board Thickness 0.033”, Board Material FR-4
Note: A small amount of ground inductance is required to achieve datasheet performance. The necessary inductance may be
generated by ensuring that no ground vias are placed directly below the footprint of the part.
Overlay of Suggested Micro-X and 3mmx3mm Layouts Showing Compatibility


Similar Part No. - RF3398PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3398PCBA RFMD-RF3398PCBA Datasheet
132Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3398PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
   GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
   GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
   GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
   General purpose amplifier
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
   General purpose amplifier
SBT5401F KODENSHI-SBT5401F Datasheet
267Kb / 5P
   General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
   GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
   GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com