Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4937 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4937
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4937 Datasheet(HTML) 7 Page - STMicroelectronics

  L4937 Datasheet HTML 1Page - STMicroelectronics L4937 Datasheet HTML 2Page - STMicroelectronics L4937 Datasheet HTML 3Page - STMicroelectronics L4937 Datasheet HTML 4Page - STMicroelectronics L4937 Datasheet HTML 5Page - STMicroelectronics L4937 Datasheet HTML 6Page - STMicroelectronics L4937 Datasheet HTML 7Page - STMicroelectronics L4937 Datasheet HTML 8Page - STMicroelectronics L4937 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Figure 3 : Block Diagram of the Reset Circuit.
Figure 4 : Typical Reset Output Waveforms.
VINPUT
VOUT1
VOUT1
VRT +0.2V
VRT
1.5V
RESET
tR
tRD
tRD
tRR
D95AT216
L4937N
7/9


Similar Part No. - L4937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4937N STMICROELECTRONICS-L4937N Datasheet
1Mb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937NPD STMICROELECTRONICS-L4937NPD Datasheet
64Kb / 9P
   DUAL 5V MULTIFUNCTION VOLTAGE REGULATOR
More results

Similar Description - L4937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
April 1999
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937NPD STMICROELECTRONICS-L4937NPD Datasheet
64Kb / 9P
   DUAL 5V MULTIFUNCTION VOLTAGE REGULATOR
logo
Sanyo Semicon Device
LA5668 SANYO-LA5668 Datasheet
87Kb / 4P
   Multifunction Voltage Regulator???
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com