Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4936EH Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4936EH
Description  ADVANCED VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4936EH Datasheet(HTML) 2 Page - STMicroelectronics

  L4936EH Datasheet HTML 1Page - STMicroelectronics L4936EH Datasheet HTML 2Page - STMicroelectronics L4936EH Datasheet HTML 3Page - STMicroelectronics L4936EH Datasheet HTML 4Page - STMicroelectronics L4936EH Datasheet HTML 5Page - STMicroelectronics L4936EH Datasheet HTML 6Page - STMicroelectronics L4936EH Datasheet HTML 7Page - STMicroelectronics L4936EH Datasheet HTML 8Page - STMicroelectronics L4936EH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REG1
1.23V
REFERENCE
REG2
1.23V
RESET
1.4V
1.23V
1.23V
SENSE
VS1
VS2
EN
PR
SI
SO
RES
CT
ADJ
OUT2
OUT1
GND
D94AT074A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VINDC
DC Operating Supply Voltage
28
V
VINTR
Transient Operating Supply Voltage (T < 400ms)
-14 to 40
V
IO
Output Current
internally limited
VSI
Sense Input Voltage (Voltage Forced) (note 2)
-20 to 20
V
ISI
Sense Input Current (Current Forced) (note 2)
±1mA
VEN
Enable Input Voltage (Voltage Forced) (note 2)
-20 to 20
V
IEN
Sense Input Current (Current Forced) (note 2)
±1mA
VRES ,VSO
Output Voltages
-0.3 to 20
V
IRES ,ISO
Output Currents (Output Low)
5
mA
PO
Power Dissipation at Tamb =80
°C (note 3)
Multiwatt 11 (Rth heatsink = 9K/W)
5W
Tstg
Storage Temperature
-65 to 150
°C
Tj
Operating Junction Temperature
-40 to 150
°C
TJSD
Thermal shutdown junction temperature Output 2 will shut-down
typically at Tj 10K lower than output 1
165
°C
Note:
The circuit is ESD protected according to MIL-STD-883C
Note 2: Current forced means voltage unlimited but current limited to the specified value
Voltage forced means voltage limi ted to the specified valueswhile the current is not limited
Note 3: Typical value soldered on a PC board with 8 cm2 copper ground plane (35mm thick)
L4936E
2/11


Similar Part No. - L4936EH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4936NH STMICROELECTRONICS-L4936NH Datasheet
87Kb / 11P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
More results

Similar Description - L4936EH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4938E STMICROELECTRONICS-L4938E Datasheet
101Kb / 12P
   ADVANCED VOLTAGE REGULATOR
L4938EP STMICROELECTRONICS-L4938EP Datasheet
276Kb / 20P
   Advanced voltage regulator
logo
Semtech Corporation
MP60G SEMTECH-MP60G Datasheet
25Kb / 4P
   VOLTAGE REGULATOR MODULE FOR INTEL ADVANCED PROCESSORS
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
   350mA Advanced Current Regulator
logo
ADDtek Corp
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
   350mA ADVANCED CURRENT REGULATOR
APRIL 2007
A705 ADDTEK-A705 Datasheet
164Kb / 7P
   200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
logo
Renesas Technology Corp
X80070 RENESAS-X80070 Datasheet
624Kb / 14P
   Hot Swap Controller with Advanced Fault Protection and Voltage Regulator Output
March 15, 2005
logo
ADDtek Corp
A708 ADDTEK-A708 Datasheet
177Kb / 8P
   3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com