Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWF1686NC Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWF1686NC
Description  L-Band Power FET Non-Via Hole Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWF1686NC Datasheet(HTML) 2 Page - Hexawave, Inc

  HWF1686NC Datasheet HTML 1Page - Hexawave, Inc HWF1686NC Datasheet HTML 2Page - Hexawave, Inc HWF1686NC Datasheet HTML 3Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HWF1686NC
L-Band Power FET Non-Via Hole Chip
Autumn 2002 V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C..
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Typical Performance (TA=25°°°°C)
Output Power, Efficiency & Gain vs. Input Power
VDS=10V, IDS=0.5IDSS
f=2.4GHz
Power Derating Curve
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
Gain
Pout
Pin (dBm)
Case Temperature, TC (°C
)
η
add
0
0.5
1
1.5
2
2.5
3
3.5
4
0
25
50
75
100
125
150
175
200


Similar Part No. - HWF1686NC

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1686RA HW-HWF1686RA Datasheet
106Kb / 3P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
HWF1686YC HW-HWF1686YC Datasheet
107Kb / 3P
   L-Band Power FET Via Hole Chip
More results

Similar Description - HWF1686NC

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWL30NC HW-HWL30NC Datasheet
87Kb / 2P
   L-Band Power FET Non-Via Hole Chip
logo
Aimtron Technology
HWL30NC AIMTRON-HWL30NC Datasheet
71Kb / 2P
   L-Band Power FET Non-Via Hole Chip
logo
Hexawave, Inc
HWL34NC HW-HWL34NC Datasheet
81Kb / 2P
   L-Band Power FET Non-Via Hole Chip
HWL26NC HW-HWL26NC Datasheet
94Kb / 2P
   L-Band Power FET Non-Via Hole Chip
HWL27NC HW-HWL27NC Datasheet
77Kb / 2P
   L-Band Power FET Via Hole Chip
HWF1686YC HW-HWF1686YC Datasheet
107Kb / 3P
   L-Band Power FET Via Hole Chip
HWL26YC HW-HWL26YC Datasheet
77Kb / 2P
   L-Band Power FET Via Hole Chip
HWC27NC HW-HWC27NC Datasheet
85Kb / 2P
   C-Band Power FET Non-Via Hole Chip
HWC30NC HW-HWC30NC Datasheet
84Kb / 2P
   C-Band Power FET Non-Via Hole Chip
HWC34NC HW-HWC34NC Datasheet
79Kb / 2P
   C-Band Power FET Non-Via Hole Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com