Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWC34NC Datasheet(PDF) 2 Page - Hexawave, Inc

Part # HWC34NC
Description  C-Band Power FET Non-Via Hole Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWC34NC Datasheet(HTML) 2 Page - Hexawave, Inc

  HWC34NC Datasheet HTML 1Page - Hexawave, Inc HWC34NC Datasheet HTML 2Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HWC34NC
C
-Band Power FET Non-Via Hole Chip
March 2002 V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C..
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Small Signal Common Source Scattering Parameters
S-MAGN AND ANGLES
VDS=10V, IDS=0.5IDSS
(GHz)
lS11l
∠ANG
lS21l
∠ANG
lS12l
∠ANG
lS22l
∠ANG
2.00
0.741
-162.95
3.027
78.58
0.051
75.38
0.343
-149.69
2.50
0.740
-167.73
2.432
72.17
0.063
77.31
0.368
-147.33
3.00
0.743
-171.28
2.025
66.45
0.074
78.97
0.392
-145.34
3.50
0.739
-173.74
1.731
61.37
0.088
80.17
0.420
-144.05
4.00
0.739
-176.23
1.511
56.74
0.101
80.68
0.449
-142.95
4.50
0.736
-178.33
1.343
52.59
0.116
80.95
0.478
-142.34
5.00
0.733
179.79
1.206
48.98
0.131
81.81
0.506
-142.38
5.50
0.732
178.19
1.101
45.57
0.148
81.84
0.524
-142.79
6.00
0.73
176.65
1.014
42.26
0.167
81.32
0.540
-144.48
6.50
0.730
175.59
0.943
39.40
0.186
81.33
0.556
-145.20
7.00
0.729
174.46
0.884
36.76
0.208
80.28
0.564
-146.77
7.50
0.720
172.75
0.832
34.64
0.231
79.21
0.578
-147.87
8.00
0.716
170.43
0.788
33.00
0.257
78.26
0.591
-148.61
8.50
0.704
168.33
0.757
31.55
0.285
76.82
0.602
-149.79
9.00
0.692
165.78
0.728
29.73
0.318
75.03
0.600
-151.32
9.50
0.673
163.35
0.712
28.60
0.355
72.46
0.593
-154.11
10.00
0.649
160.96
0.700
27.33
0.397
70.08
0.589
-156.34
Bonding Manner
Gate, drain pad: 1 wire on each pad
Source pad: 1 wires on each pad


Similar Part No. - HWC34NC

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWC34NC_V1 HW-HWC34NC_V1_15 Datasheet
84Kb / 2P
   C-Band Power Non-Via Hole Chip
More results

Similar Description - HWC34NC

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWC27NC HW-HWC27NC Datasheet
85Kb / 2P
   C-Band Power FET Non-Via Hole Chip
HWC30NC HW-HWC30NC Datasheet
84Kb / 2P
   C-Band Power FET Non-Via Hole Chip
HWC34NC_V1 HW-HWC34NC_V1_15 Datasheet
84Kb / 2P
   C-Band Power Non-Via Hole Chip
HWC27YC_V1 HW-HWC27YC_V1_15 Datasheet
81Kb / 2P
   C-Band Power Non-Via Hole Chip
HWC30NC_V1 HW-HWC30NC_V1_15 Datasheet
90Kb / 2P
   C-Band Power Non-Via Hole Chip
HWC27NC_V1 HW-HWC27NC_V1_15 Datasheet
90Kb / 2P
   C-Band Power Non-Via Hole Chip
HWC27YC HW-HWC27YC Datasheet
76Kb / 2P
   C-Band Power FET Via Hole Chip
HWL30NC HW-HWL30NC Datasheet
87Kb / 2P
   L-Band Power FET Non-Via Hole Chip
logo
Aimtron Technology
HWL30NC AIMTRON-HWL30NC Datasheet
71Kb / 2P
   L-Band Power FET Non-Via Hole Chip
logo
Hexawave, Inc
HWL34NC HW-HWL34NC Datasheet
81Kb / 2P
   L-Band Power FET Non-Via Hole Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com