Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3163 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3163
Description  3V 900MHZ LINEAR POWER AMPLIFIER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3163 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3163 Datasheet HTML 2Page - RF Micro Devices RF3163 Datasheet HTML 3Page - RF Micro Devices RF3163 Datasheet HTML 4Page - RF Micro Devices RF3163 Datasheet HTML 5Page - RF Micro Devices RF3163 Datasheet HTML 6Page - RF Micro Devices RF3163 Datasheet HTML 7Page - RF Micro Devices RF3163 Datasheet HTML 8Page - RF Micro Devices RF3163 Datasheet HTML 9Page - RF Micro Devices RF3163 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RF3163
Rev A5 DS060504
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB land pattern has been designed with a thermal pad that matches the die paddle size on the bottom of the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing
strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a
0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the
quantity of vias be increased by a 4:1 ratio to achieve similar results.
Pin 8
Pin 12
Pin 1
Pin 16
A
C
A
A
A
B
B
B
B
A
A
A
A
B
B
B
B
1.50 Typ.
0.50 Typ.
0.50 Typ.
0.55 Typ.
0.75
0.55 Typ.
0.75
1.50 Typ.
A = 0.74 x 0.38 (mm) Typ.
B = 0.38 x 0.74 (mm) Typ.
C = 1.60 (mm) Sq.
Dimensions in mm.
Figure 2. PCB Solder Mask Pattern (Top View)


Similar Part No. - RF3163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163PCBA-41X RFMD-RF3163PCBA-41X Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF3163

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
   3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
   3V 900MHZ LINEAR AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
   3V 900MHz LINEAR AMPLIFIER MODULE
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
   3V 900MHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com