Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL431BA Datasheet(PDF) 3 Page - Orister Corporation

Part # RL431BA
Description  Adjustable Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RL431BA Datasheet(HTML) 3 Page - Orister Corporation

  RL431BA Datasheet HTML 1Page - Orister Corporation RL431BA Datasheet HTML 2Page - Orister Corporation RL431BA Datasheet HTML 3Page - Orister Corporation RL431BA Datasheet HTML 4Page - Orister Corporation RL431BA Datasheet HTML 5Page - Orister Corporation RL431BA Datasheet HTML 6Page - Orister Corporation RL431BA Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page No. : 3/3
DS-RS431L-01 October, 2006
www.Orister.com
Characteristics Curve
Small Signal Voltage Amplification &
Frequency
-10
0
10
20
30
40
50
60
1000
10000
100000
1000000
10000000
Frequency (Hz)
Cathode Current & Cathode Voltage
-100
-75
-50
-25
0
25
50
75
100
125
150
-2
-1
0
1
2
3
Cathode Voltage (V)
VK=VREF, Ta=25
oC
Test Circuit (Fig1)
Change in Reference Input Voltage
& Cathode Voltage
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
1020304050
Cathode Voltage (V)
IK=10mA, Ta=25
oC
Test Circuits (Fig2)
Reference Input Voltage & Temperature
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
-40
-20
0
20
40
60
80
100
120
Temperature (
oC)
VK=VREF, IK=10mA
Test Circuit (Fig1)
Cathode Current & Cathode Voltage
-400
-200
0
200
400
600
800
1000
-2
-1
0
1
2
3
Cathode Voltage (V)
VK=VREF, Ta=25
oC
Test Circuit (Fig1)
8.2K
15K
Vout
Ik
10uF
+
240
GND


Similar Part No. - RL431BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL4-560 ETC2-RL4-560 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-580 ETC2-RL4-580 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-600 ETC2-RL4-600 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-620 ETC2-RL4-620 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL4-640 ETC2-RL4-640 Datasheet
33Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
More results

Similar Description - RL431BA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com