Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1420BRWZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # ADUM1420BRWZ-RL
Description  Quad Isolated Precision Gate Driver, 0.1 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1420BRWZ-RL Datasheet(HTML) 5 Page - Analog Devices

  ADUM1420BRWZ-RL Datasheet HTML 1Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 2Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 3Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 4Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 5Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 6Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 7Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 8Page - Analog Devices ADUM1420BRWZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADuM1420
Rev. A | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Storage Temperature (TST)
−55°C to +150°C
Ambient Operating
Temperature (TA)
−40°C to +105°C
Input Supply Voltage (VDD1)1
−0.5 V to +7.0 V
Output Supply Voltage
(VDDA, VDDB, VDDC, VDDD)1
−0.5 V to +27 V
Input Voltage
(VIA, VIB, VIC, VID)1
−0.5 V to VDDI + 0.5 V
Output Voltage
(VOA, VOB, VOC, VOD)1
−0.5 V to VDDA + 0.5 V, VDDB + 0.5 V,
V
B
DDC
+ 0.5 V, VDDD + 0.5 V
Input-to-Output Voltage2
−700 V peak to +700 V peak
Output Differential Voltage3
700 V peak
Output DC Current (IOA, IOB)
−20 mA to +20 mA
Common-Mode Transients4
−100 kV/μs to +100 kV/μs
1 All voltages are relative to their respective ground.
2 Input-to-output voltage is defined as GNDx − GND1 where x is either A, B, C,
or D.
3 Output differential voltage is defined as GNDx − GNDy where x and y differ
from each other and are either A, B, C, or D.
4 Refers to common-mode transients across any insulation barrier. Common-
mode transients exceeding the Absolute Maximum Ratings may cause latch-
up or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Ambient temperature = 25°C, unless otherwise noted.
ESD CAUTION


Similar Part No. - ADUM1420BRWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM142D AD-ADUM142D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D AD-ADUM142D Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
ADUM142D0BRWZ AD-ADUM142D0BRWZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRWZ-RL AD-ADUM142D0BRWZ-RL Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRZ AD-ADUM142D0BRZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results

Similar Description - ADUM1420BRWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
   Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com