Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1420BRWZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM1420BRWZ
Description  Quad Isolated Precision Gate Driver, 0.1 A Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1420BRWZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM1420BRWZ Datasheet HTML 4Page - Analog Devices ADUM1420BRWZ Datasheet HTML 5Page - Analog Devices ADUM1420BRWZ Datasheet HTML 6Page - Analog Devices ADUM1420BRWZ Datasheet HTML 7Page - Analog Devices ADUM1420BRWZ Datasheet HTML 8Page - Analog Devices ADUM1420BRWZ Datasheet HTML 9Page - Analog Devices ADUM1420BRWZ Datasheet HTML 10Page - Analog Devices ADUM1420BRWZ Datasheet HTML 11Page - Analog Devices ADUM1420BRWZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADuM1420
Rev. A | Page 11 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013-AE
18.10 (0.7126)
17.70 (0.6969)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
28
15
14
1
1.27 (0.0500)
BSC
Figure 15. 28-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-28)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
No. of
Channels
Output Peak
Current (A)
Output
Voltage (V)
Temperature Range
Package Description
Package
Option
ADuM1420BRWZ1
4
0.1
15
−40°C to +105°C
28-Lead SOIC_W
RW-28
ADuM1420BRWZ-RL1
4
0.1
15
−40°C to +105°C
28-Lead SOIC_W, 13-Inch Tape
and Reel Option (1,000 Units)
RW-28
1 Z = RoHS Compliant Part.


Similar Part No. - ADUM1420BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM142D AD-ADUM142D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D AD-ADUM142D Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
ADUM142D0BRWZ AD-ADUM142D0BRWZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRWZ-RL AD-ADUM142D0BRWZ-RL Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM142D0BRZ AD-ADUM142D0BRZ Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results

Similar Description - ADUM1420BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
   Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
   Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com