Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2805ACPZ-500RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2805ACPZ-500RL7
Description  1.25 Gbps Clock and Data Recovery IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2805ACPZ-500RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2805ACPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 9Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 10Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 11Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 12Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 13Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 14Page - Analog Devices ADN2805ACPZ-500RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADN2805
Rev. 0 | Page 11 of 16
The gain of the loop integrator is small for high jitter
frequencies; therefore, larger phase differences are needed to
make the loop control voltage large enough to tune the range of
the phase shifter. Large phase errors at high jitter frequencies
cannot be tolerated. In this region, the gain of the integrator
determines the jitter accommodation. Because the gain of the
loop integrator declines linearly with frequency, jitter accom-
modation is lower with higher jitter frequency. At the highest
frequencies, the loop gain is very small, and little tuning of the
phase shifter can be expected. In this case, jitter accommodation is
determined by the eye opening of the input data, the static
phase error, and the residual loop jitter generation. The jitter
accommodation is roughly 0.5 UI in this region. The corner
frequency between the declining slope and the flat region is
the closed loop bandwidth of the delay-locked loop, which is
roughly 1.5 MHz at 1.25 Gbps.


Similar Part No. - ADN2805ACPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2805ACPZ-500RL7 AD-ADN2805ACPZ-500RL7 Datasheet
292Kb / 16P
   1.25 Gbps Clock and Data Recovery IC
More results

Similar Description - ADN2805ACPZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2805 AD-ADN2805_12 Datasheet
292Kb / 16P
   1.25 Gbps Clock and Data Recovery IC
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
logo
Vitesse Semiconductor C...
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
   10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com