Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5571-EVALZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5571-EVALZ
Description  2.5 GHz to 2.7 GHz WiMAX Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5571-EVALZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5571-EVALZ Datasheet HTML 5Page - Analog Devices ADL5571-EVALZ Datasheet HTML 6Page - Analog Devices ADL5571-EVALZ Datasheet HTML 7Page - Analog Devices ADL5571-EVALZ Datasheet HTML 8Page - Analog Devices ADL5571-EVALZ Datasheet HTML 9Page - Analog Devices ADL5571-EVALZ Datasheet HTML 10Page - Analog Devices ADL5571-EVALZ Datasheet HTML 11Page - Analog Devices ADL5571-EVALZ Datasheet HTML 12Page - Analog Devices ADL5571-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADL5571
Rev. 0 | Page 9 of 16
VCC = 5 V
T = 25°C, 1024 FFT, 16 QAM OFDMA modulated carrier, 10 MHz channel BW, ZL = 50 Ω, STBY = 0 V, VREG = 2.85 V, 31% duty cycle,
ACPR integration BW = 100 kHz (5.05 MHz offset) or 1 MHz (6.5 MHz, 11 MHz, 15 MHz, and 20.5 MHz offset), unless otherwise noted.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
14
16
18
20
22
24
26
28
30
POUT (dBm)
2.7GHz
2.5GHz
2.6GHz
Figure 11. Burst RMS Current vs. POUT at 2.5 GHz, 2.6 GHz, and 2.7 GHz
14
16
18
20
22
24
26
28
30
POUT (dBm)
+85°C
+25°C
–40°C
0
2
4
6
8
10
12
Figure 12. EVM vs. POUT at 2.6 GHz, Temperatures −40°C, +25°C, and +85°C
0
14
16
18
20
22
24
26
28
30
POUT (dBm)
2
4
6
8
10
12
2.7GHz
2.5GHz
2.6GHz
Figure 13. EVM vs. POUT at 2.5 GHz, 2.6 GHz, and 2.7 GHz
22
24
26
28
30
32
34
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
+85°C
+25°C
–40°C
Figure 14. Gain vs. Frequency at POUT = 25 dBm,
Temperatures −40°C, +25°C, and +85°C


Similar Part No. - ADL5571-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
   2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Rev. PrG
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
   WiMAX Power Amplifier
REV. 0
More results

Similar Description - ADL5571-EVALZ

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
   2.5-2.7 GHz WiMAX Power Amplifier
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
   2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
   2.5 - 2.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Skyworks Solutions Inc.
AWM6268 SKYWORKS-AWM6268 Datasheet
738Kb / 12P
   2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
   2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
TriQuint Semiconductor
TGA2720-SM TRIQUINT-TGA2720-SM Datasheet
1Mb / 1P
   2.5 GHz 802.16e WiMax Amplifier
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
   2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com