Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1202BRJZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG1202BRJZ-R2
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1202BRJZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1202BRJZ-R2 Datasheet HTML 3Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 4Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 5Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 6Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 7Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 8Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 9Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 10Page - Analog Devices ADG1202BRJZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG1201/ADG1202
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = +15V
VSS = –15V
VDD = +16.5V
VSS = –16.5V
SOURCE OR DRAIN VOLTAGE (V)
200
180
160
140
120
100
60
80
0
20
40
–18 –15 –12
–9
–6
–3
3
9
15
06
12
18
VDD = +13.5V
VSS = –13.5V
TA = +25ºC
Figure 3. On Resistance as a Function of VD (VS) for Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
450
400
350
300
250
150
200
0
50
100
–5
–4
–3
–2
–1
2
4
01
3
5
VDD = +5.5V
VSS = –5.5V
TA = +25°C
Figure 4. On Resistance as a Function of VD (VS) for Dual Supply
VDD = 13.2V
VSS = 0V
SOURCE OR DRAIN VOLTAGE (V)
450
400
350
300
250
150
200
0
50
100
02
4
6
8
10
12
VDD = 12V
VSS = 0V
VDD = 10.8V
VSS = 0V
TA = 25°C
Figure 5. On Resistance as a Function of VD (VS) for Single Supply
SOURCE OR DRAIN VOLTAGE (V)
250
150
200
0
50
100
–15
–10
–5
0
5
10
15
VDD = +15V
VSS = –15V
TA = +125°C
TA = +25°C
TA = +85°C
TA = –40°C
Figure 6. On Resistance as a Function of VD (VS) for Different
Temperatures, Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
600
400
500
300
200
0
100
02
4
6
8
10
12
VDD = +12V
VSS = 0V
TA = +125°C
TA = +25°C
TA = +85°C
TA = –40°C
Figure 7. On Resistance as a Function of VD (VS) for Different
Temperatures, Single Supply
0
–450
–400
080
200
150
100
50
–50
–100
–150
–200
–250
–300
–350
20
40
60
100
120
VDD = +15V
VSS = –15V
VBIAS = ±10V
TEMPERATURE (ºC)
IS (OFF) + –
ID (OFF) + –
IS (OFF) – +
ID (OFF) – +
ID, IS (ON) + +
ID, IS (ON) – –
Figure 8. Leakage Currents as a Function of Temperature, Dual Supply


Similar Part No. - ADG1202BRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204 AD-ADG1204 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1204YCP AD-ADG1204YCP Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204YCPZ-500RL7 AD-ADG1204YCPZ-500RL7 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YCPZ-REEL7 AD-ADG1204YCPZ-REEL7 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results

Similar Description - ADG1202BRJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com