Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16209 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16209
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16209_08 Datasheet HTML 3Page - Analog Devices ADIS16209_08 Datasheet HTML 4Page - Analog Devices ADIS16209_08 Datasheet HTML 5Page - Analog Devices ADIS16209_08 Datasheet HTML 6Page - Analog Devices ADIS16209_08 Datasheet HTML 7Page - Analog Devices ADIS16209_08 Datasheet HTML 8Page - Analog Devices ADIS16209_08 Datasheet HTML 9Page - Analog Devices ADIS16209_08 Datasheet HTML 10Page - Analog Devices ADIS16209_08 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADIS16209
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AUX DAC
NC
NC
RST
SCLK
DOUT
DIN
AY
AX
CS
ADIS16209
TOP
LOOK THROUGH
VIEW
(Not to Scale)
16
15
14
13
5
6
7
8
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. THIS IS NOT AN ACTUAL TOP VIEW, BECAUSE THE PINS ARE NOT VISIBLE FROM THE TOP. THIS IS
A LAYOUT VIEW, WHICH REPRESENTS THE PIN CONFIGURATION, IF THE PACKAGE IS LOOKED
THROUGH FROM THE TOP. THIS CONFIGURATION IS PROVIDED FOR PCB LAYOUT PURPOSES.
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
SCLK
I
SPI, Serial Clock.
2
DOUT
O
SPI, Data Output.
3
DIN
I
SPI, Data Input.
4
CS
I
SPI, Chip Select.
5, 6
DIO1, DIO2
I/O
Digital Input/Output Pins.
7, 8, 10, 11
NC
N/A
No Connect.
9
RST
I
Reset, Active Low.
12
AUX DAC
O
Auxiliary DAC Output.
13
VDD
S
Power Supply, 3.3 V.
14
AUX ADC
I
Auxiliary ADC Input.
15
VREF
O
Precision Reference.
16
GND
S
Ground.
1 S = supply; O = output; I = input.
RECOMMENDED PAD GEOMETRY
0.670
12×
1.127
16×
4.1865
2.6955
5.391
8.373
0.500
16×
9.2mm × 9.2mm STACKED LGA PACKAGE
Figure 6. Example of a Pad Layout


Similar Part No. - ADIS16209_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209/PCBZ AD-ADIS16209/PCBZ Datasheet
286Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Rev. PrA
ADIS16209CCCZ AD-ADIS16209CCCZ Datasheet
286Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Rev. PrA
ADIS16209PCBZ AD-ADIS16209PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16209_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
286Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Rev. PrA
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
   Digital 2-axis inclinometer
Rev. 4
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com