Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9787BSVZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9787BSVZ
Description  Dual 12-/14-/16-Bit 800 MSPS DAC with Low Power 32-Bit Complex NCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9787BSVZ Datasheet(HTML) 3 Page - Analog Devices

  AD9787BSVZ Datasheet HTML 1Page - Analog Devices AD9787BSVZ Datasheet HTML 2Page - Analog Devices AD9787BSVZ Datasheet HTML 3Page - Analog Devices AD9787BSVZ Datasheet HTML 4Page - Analog Devices AD9787BSVZ Datasheet HTML 5Page - Analog Devices AD9787BSVZ Datasheet HTML 6Page - Analog Devices AD9787BSVZ Datasheet HTML 7Page - Analog Devices AD9787BSVZ Datasheet HTML 8Page - Analog Devices AD9787BSVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
AD9785/AD9787/AD9788
Rev. 0 | Page 3 of 64
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted. LVDS driver and receiver are compliant to the IEEE 1596 reduced range link, unless otherwise noted.
Table 1.
AD9785
AD9787
AD9788
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
14
16
Bits
ACCURACY
Differential Nonlinearity (DNL)
±0.2
±0.5
±2.1
LSB
Integral Nonlinearity (INL)
±0.3
±1.0
±3.7
LSB
MAIN DAC OUTPUTS
Offset Error
–0.001
0
+0.001
−0.001
0
+0.001
−0.001
0
+0.001
% FSR
Gain Error (with Internal Reference)
±2
±2
±2
% FSR
Full-Scale Output Current
8.66
20.2
31.66
8.66
20.2
31.66
8.66
20.2
31.66
mA
Output Compliance Range
–1.0
+1.0
–1.0
+1.0
–1.0
+1.0
V
Output Resistance
10
10
10
Gain DAC Monotonicity
Guaranteed
10
10
10
Bits
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
0.04
0.04
ppm/°C
Gain
100
100
100
ppm/°C
Reference Voltage
30
30
30
ppm/°C
AUX DAC OUTPUTS
Resolution
10
10
10
Bits
Full-Scale Output Current1
–1.998
+1.998
–1.998
+1.998
–1.998
+1.998
mA
Output Compliance Range (Source)
0
1.6
0
1.6
0
1.6
V
Output Compliance Range (Sink)
0.8
1.6
0.8
1.6
0.8
1.6
V
Output Resistance
1
1
1
Aux DAC Monotonicity Guaranteed
10
10
10
Bits
REFERENCE
Internal Reference Voltage
1.2
1.2
1.2
V
Output Resistance
5
5
5
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
CVDD18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
DIGITAL SUPPLY VOLTAGES
DVDD33
3.13
3.3
3.47
3.13
3.3
3.47
3.13
3.3
3.47
V
DVDD18
1.70
1.8
1.90
1.70
1.8
1.90
1.70
1.8
1.90
V
POWER CONSUMPTION
1× Mode, fDATA = 100 MSPS,
PLL Off, IF = 2 MHz
375
450
375
450
375
450
mW
2× Mode, fDATA = 100 MSPS,
Inverse Sinc Off, PLL Off
533
533
533
mW
4× Mode, fDATA = 100 MSPS,
Inverse Sinc Off, PLL Off
754
754
754
mW
8× Mode, fDATA = 100 MSPS,
Inverse Sinc Off, PLL Off
1054
1054
1054
mW
Power-Down Mode
2.5
9.0
2.5
9.0
2.5
9.0
mW
OPERATING RANGE
–40
+25
+85
–40
+25
+85
–40
+25
+85
°C
1 Based on a 10 Ω external resistor.


Similar Part No. - AD9787BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9787BSVZ AD-AD9787BSVZ Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
AD9787BSVZRL AD-AD9787BSVZRL Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
More results

Similar Description - AD9787BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9785 AD-AD9785_18 Datasheet
1Mb / 62P
   Low Power 32-Bit Complex NCO
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Analog Devices
AD9776 AD-AD9776_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit
REV. A
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Texas Instruments
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9780 AD-AD9780 Datasheet
1Mb / 36P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com