Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM90DZ-24 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # TM90DZ-24
Description  HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM90DZ-24 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  TM90DZ-24 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM90DZ-24 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM90DZ-24 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM90DZ-24 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM90DZ-24 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
0
0
160
20
160
80
40
60
20
40
60
80
100
120
140
100 120 140
θ
360°
θ=30°
60°
270°
DC
180°
120°
90°
130
50
60
70
80
90
100
110
120
0
160
20
80
40
60
100 120 140
θ=30° 60°
DC
270°
θ
360°
90°
120°
180°
0
0
200
40
320
40
80
120
160
80
120
160
200
240
280
θ=180°
60°
30°
θ
360°
θ
120°
90°
50
0
200
40
130
80
120
160
120
110
100
90
80
70
60
θ
360°
θ
θ=30°
60°,90°
180°,120°
0
0
200
320
280
240
200
160
120
80
40
120
40
80
160
θ=30°
60°
120°
90°
180°
θ
360°
θ
130
50
0
200
40
120
60
80
160
70
80
90
100
110
120
120°
θ
360°
θ
θ=30° 60°
180°
90°
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE MODULE
PER SINGLE
ELEMENT
PER SINGLE
ELEMENT
PER SINGLE MODULE
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(RECTANGULAR WAVE)
LIMITING VALUE OF THE AVERAGE
ON-STATE CURRENT
(RECTANGULAR WAVE)
AVERAGE ON-STATE CURRENT (A)
AVERAGE ON-STATE CURRENT (A)
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(SINGLE PHASE FULLWAVE AC)
LIMITING VALUE OF THE RMS
ON-STATE CURRENT
(SINGLE PHASE FULLWAVE AC)
RMS ON-STATE CURRENT (A)
RMS ON-STATE CURRENT (A)
LIMITING VALUE OF THE DC
OUTPUT CURRENT
(SINGLE PHASE FULLWAVE RECTIFIED)
MAXIMUM ON-STATE POWER DISSIPATION
(SINGLE PHASE FULLWAVE RECTIFIED)
DC OUTPUT CURRENT (A)
(PER TWO MODULES)
DC OUTPUT CURRENT (A)
(PER TWO MODULES)
MITSUBISHI THYRISTOR MODULES
TM90DZ/CZ-24,-2H
HIGH VOLTAGE HIGH POWER GENERAL USE
INSULATED TYPE


Similar Part No. - TM90DZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-H MITSUBISHI-TM90DZ-H Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90DZ-M MITSUBISHI-TM90DZ-M Datasheet
63Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM90DZ-24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM55DZ-24 MITSUBISHI-TM55DZ-24 Datasheet
64Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
TM130RZ-24 MITSUBISHI-TM130RZ-24 Datasheet
60Kb / 4P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-24 MITSUBISHI-TM90RZ-24 Datasheet
67Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
RM30TC-40 MITSUBISHI-RM30TC-40 Datasheet
48Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM15TC-40 MITSUBISHI-RM15TC-40 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100D2Z-40 MITSUBISHI-RM100D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM30DZ-24 MITSUBISHI-RM30DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TA-24 MITSUBISHI-RM20TA-24 Datasheet
70Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24_02 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100DZ-24 MITSUBISHI-RM100DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com