Electronic Components Datasheet Search |
|
AD7991YRJZ-1RL Datasheet(PDF) 1 Page - Analog Devices |
|
AD7991YRJZ-1RL Datasheet(HTML) 1 Page - Analog Devices |
1 / 28 page 4-Channel, 12-/10-/8-Bit ADC with I2C- Compatible Interface in 8-Lead SOT-23 AD7991/AD7995/AD7999 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2007 Analog Devices, Inc. All rights reserved. FEATURES 12-/10-/8-bit ADCs with fast conversion time: 1 μs typical 4 analog input channels/3 analog input channels with reference input Specified for VDD of 2.7 V to 5.5 V Sequencer operation Temperature range: −40°C to +125°C I2C-compatible serial interface supports standard, fast, and high speed modes 2 versions allow 2 I2C addresses Low power consumption Shutdown mode: 1 μA maximum 8-lead SOT-23 package APPLICATIONS System monitoring Battery-powered systems Data acquisition Medical instruments FUNCTIONAL BLOCK DIAGRAM I/P MUX SCL SDA GND AD7991/AD7995/AD7999 12-/10-/8-BIT SAR ADC CONTROL LOGIC AND I2C INTERFACE VIN0 VDD VIN1 VIN2 VIN3/VREF T/H Figure 1. GENERAL DESCRIPTION The AD7991/AD7995/AD7999 are 12-/10-/8-bit, low power, successive approximation ADCs with an I2C®-compatible interface. Each part operates from a single 2.7 V to 5.5 V power supply and features a 1 μs conversion time. The track-and-hold amplifier allows each part to handle input frequencies of up to 14 MHz, and a multiplexer allows taking samples from four channels. Each AD7991/AD7995/AD7999 provides a 2-wire serial interface compatible with I2C interfaces. The AD7991 and AD7995 come in two versions and each version has an individual I2C address. This allows two of the same devices to be connected to the same I2C bus. Both versions support standard, fast, and high speed I2C interface modes. The AD7999 comes in one version. The AD7991/AD7995/AD7999 normally remain in a shutdown state, powering up only for conversions. The conversion process is controlled by a command mode, during which each I2C read operation initiates a conversion and returns the result over the I2C bus. When four channels are used as analog inputs, the reference for the part is taken from VDD; this allows the widest dynamic input range to the ADC. Therefore, the analog input range to the ADC is 0 V to VDD. An external reference, applied through the VIN3/VREF input, can also be used with this part. PRODUCT HIGHLIGHTS 1. Four single-ended analog input channels, or three single- ended analog input channels and one reference input channel. 2. I2C-compatible serial interface. Standard, fast, and high speed modes. 3. Automatic shutdown. 4. Reference derived from the power supply or external reference. 5. 8-lead SOT-23 package. Table 1. Related Devices Device Resolution Input Channels AD7998 12 8 AD7997 10 8 AD7994 12 4 AD7993 10 4 AD7992 12 2 |
Similar Part No. - AD7991YRJZ-1RL |
|
Similar Description - AD7991YRJZ-1RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |