Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERC38-06 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # ERC38-06
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ERC38-06 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  ERC38-06 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ERC38-06 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REVERSE VOLTAGE,VOLTS
FIG.5 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4--PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE.
BLGALAXYELECTRICAL
NUMBER OF CYCLES AT 60
Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
RATINGS AND CHARACTERISTIC CURVES
ERC38-04 -- ERC38-06
FIG.1--TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
NOTES:1.RISETIME=7ns MAX.INPUT IMPEDANCE=1MΩ.22pF
FIG.3--TYPICAL JUNCTION CAPACITANCE
FIG.2 --FORWARD DERATING CURVE
Z
2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50Ω.
SET TIMEBASEFOR20/30 ns/cm
www.galaxycn.com
Document Number 0262017
2.
0.4
0
0.01
0.1
1.0
10
TJ=25
Pulse Width=300
µS
0.8 1.2 1.6 2.0 2.4
3.6
2.8 3.2
4
0
40
20
60
0.6
0
0.2
0.4
80
100
120 140
0.8
1
1.2
1.4
150
Single Phase
Half Wave 60Hz
Resisive or
Inductive Load
    
TJ=25
1
2
4
10
20
40
60
100
200
0.1 0.2 0.4
1
2
4
10
40 100
20
ERC38-06
ERC38-04---ERC38-05
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8100
40 60 80
5
25
30
35
40
20
15
10
(+)
PULSE
GENERATOR
(NOTE2)
(-)
D.U.T.
1
NONIN-
DUCTIVE
50
N1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
trr
-1 .0 A
-0.25A
0
+0.5A
1c m


Similar Part No. - ERC38-06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ERC38-06 LUGUANG-ERC38-06 Datasheet
206Kb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
ERC38-06 DSK-ERC38-06 Datasheet
312Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - ERC38-06

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com