Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-3611BX-2 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3611BX-2
Description  LED DIGIT DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3611BX-2 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3611BX-2 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-2 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-2 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-2 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED DIGIT DISPLAY
PartNO.: FYS-3611AX/BX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
PAR
T N
UMB
ER
RAN
K
Q'T
Y
TOT
AL
C/
NO
.
5
PRODUCT: LED
TYPE:
Q'TY:
PCS
N.W:
Kgs
Meas:40.5x30.5x39.5CM
G.W:
Kgs
PASSED
QC1
Q.A:
Date:
Quanlity:
Part No:
OPTOELECTRONICS
Pb
FORYARD
VF:
¦ D:
tapy
QTY/foam(pcs)
QTY /Bundle (pcs)
QTY /CARTONDimension
FYS-3611A/Bx-xx
18*17=306
306*16=4896
4896*4=19584


Similar Part No. - FYS-3611BX-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3611BX-2 FORYARD-FYS-3611BX-2 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-3611BX-20 FORYARD-FYS-3611BX-20 Datasheet
389Kb / 5P
   0.36 Inch (9.00mm) digit height Single Digit Display
FYS-3611BX-21 FORYARD-FYS-3611BX-21 Datasheet
389Kb / 5P
   0.36 Inch (9.00mm) digit height Single Digit Display
FYS-3611BX-22 FORYARD-FYS-3611BX-22 Datasheet
389Kb / 5P
   0.36 Inch (9.00mm) digit height Single Digit Display
FYS-3611BX-23 FORYARD-FYS-3611BX-23 Datasheet
389Kb / 5P
   0.36 Inch (9.00mm) digit height Single Digit Display
More results

Similar Description - FYS-3611BX-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3612AX FORYARD-FYS-3612AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-4011EX FORYARD-FYS-4011EX_1 Datasheet
330Kb / 5P
   LED DIGIT DISPLAY
FYS-4311AX FORYARD-FYS-4311AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-5011AX FORYARD-FYS-5011AX_1 Datasheet
326Kb / 5P
   LED DIGIT DISPLAY
FYS-15011AXX FORYARD-FYS-15011AXX Datasheet
332Kb / 5P
   LED DIGIT DISPLAY
FYS-5612AX FORYARD-FYS-5612AX Datasheet
329Kb / 5P
   LED DIGIT DISPLAY
FYS-18011FX FORYARD-FYS-18011FX Datasheet
367Kb / 5P
   LED DIGIT DISPLAY
FYS-18011AXX FORYARD-FYS-18011AXX Datasheet
346Kb / 5P
   LED DIGIT DISPLAY
FYS-18011CXX FORYARD-FYS-18011CXX Datasheet
343Kb / 5P
   LED DIGIT DISPLAY
FYS-18011EXX FORYARD-FYS-18011EXX Datasheet
375Kb / 5P
   LED DIGIT DISPLAY
FYS-23011HX FORYARD-FYS-23011HX Datasheet
267Kb / 5P
   LED DIGIT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com