Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-3015BX-0 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3015BX-0
Description  LED DIGT DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3015BX-0 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3015BX-0 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3015BX-0 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3015BX-0 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3015BX-0 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED DIGIT DISPLAY
PartNO.: FYS-3015AX/BX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
DESCRIPTION
7.8mm (0.3”) Single digit numeric display series.
 Standard brightness.
 Low current operation.
 Excellent character apperance.
 Easy mounting on P.C.boards or sockets
Package Dimensions &Internal Circuit Diagram
Notes:
·All dimensions are in millimeters (inches)
·Tolerance is ±0.25(0.01")unless otherwise noted.
·Specificaions are subject to change whitout notice.


Similar Part No. - FYS-3015BX-0

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3015BX-0 FORYARD-FYS-3015BX-0 Datasheet
345Kb / 5P
   LED DIGIT DISPLAY
FYS-3015BX-00 FORYARD-FYS-3015BX-00 Datasheet
397Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3015BX-01 FORYARD-FYS-3015BX-01 Datasheet
397Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3015BX-02 FORYARD-FYS-3015BX-02 Datasheet
397Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3015BX-03 FORYARD-FYS-3015BX-03 Datasheet
397Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
More results

Similar Description - FYS-3015BX-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDT-M514RI ETC1-LDT-M514RI Datasheet
36Kb / 1P
   TRIPLE DIGT SEVEN SEGMENT DISPLAY RED, COMMON ANODE
LDQ-M282RI ETC1-LDQ-M282RI Datasheet
82Kb / 1P
   0.28 inch FOUR DIGT, SEVEN SEGMENT DISPLAY, GREEN, GRAY FACE WITH MILKY WHITE DIFFUSED SEGMENTS
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com