Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-3015AX Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3015AX
Description  LED DIGT DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3015AX Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3015AX Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3015AX Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3015AX Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3015AX Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED DIGIT DISPLAY
PartNO.: FYS-3015AX/BX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
: Absolute maximum ratings (Ta=25℃)
Value
Parameter
Symbol
Test Condition
Min
Max
Unit
Reverse
Voltage
VR
IR=30A
5
-----
V
Forward
Current
IF
-----
------
30
mA
Power Dissipation
Pd
-----
------
100
mW
Pulse Current
Ipeak
Duty=0.1mS,
1KHz
------
150
mA
Operating
Temperature
Topr
-----
-40
+85
°C
Storage
Temperature
Tstr
-----
-40
+85
°C
■ Description:
·Color Code & Chip characteristics: (Test Condition: IF=20mA)
Forward
Voltage(VF)
Unit:V
Emitting Color
Dice
Material
Peak
Wave
Length
(P)
Spectral
Line
halfwidth(△
1/2)
Typ
Max
Luminous
Intensity
(Iv)
Unit:ucd
H
Red
GaP/GaP
700nm
90nm
2.25
2.50
500
S
Hi Red
GaAlAs/GaAs,SH
660nm
20nm
1.85
2.20
3500
D
Super Red
GaAlAs/GaAs,DH
660nm
20nm
1.85
2.20
6000
UR
Ultra Red
GaAlAs/GaAs,DD
H
660nm
20nm
1.85
2.20
12000
E
Orange
GaAsP/GaP
635nm
35nm
2.10
2.50
2500
Y
Yellow
GaAsP/GaP
585nm
35nm
2.10
2.50
2000
G
Green
GaP/GaP
570nm
30nm
2.20
2.50
2500
·-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - FYS-3015AX

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3015AX FORYARD-FYS-3015AX Datasheet
345Kb / 5P
   LED DIGIT DISPLAY
FYS-3015AX-0 FORYARD-FYS-3015AX-0 Datasheet
345Kb / 5P
   LED DIGIT DISPLAY
FYS-3015AX-00 FORYARD-FYS-3015AX-00 Datasheet
397Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3015AX-01 FORYARD-FYS-3015AX-01 Datasheet
397Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
FYS-3015AX-02 FORYARD-FYS-3015AX-02 Datasheet
397Kb / 5P
   0.30 Inch (7.80mm) digit height Single Digit Display
More results

Similar Description - FYS-3015AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDT-M514RI ETC1-LDT-M514RI Datasheet
36Kb / 1P
   TRIPLE DIGT SEVEN SEGMENT DISPLAY RED, COMMON ANODE
LDQ-M282RI ETC1-LDQ-M282RI Datasheet
82Kb / 1P
   0.28 inch FOUR DIGT, SEVEN SEGMENT DISPLAY, GREEN, GRAY FACE WITH MILKY WHITE DIFFUSED SEGMENTS
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com