Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX90215EVA Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX90215EVA
Description  Precision Programmable Linear Hall Effect Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90215EVA Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX90215EVA Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90215EVA Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3901090215
Page 4
9/09/03
Rev 007
MLX90215
Precision Programmable
Linear Hall Effect Sensor
Programming the Temperature Compensation
The MLX90215 has a 5-bit (32 step) programmable
adjustment that changes it’s sensitivity drift over a given
temperature range. By adjusting the TC code
the
sensitivity
can
be
programmed
to
increase
as
temperature increases to counteract the decrease in
magnetic flux most magnets display over temperature.
For example a SmCo (Samarium Cobalt) magnet has a
temperature coefficient of approximately -300 ppm/
oC.
The MLX90215 can be programmed with a TC of 300
ppm/
oC to counteract the TC of the magnet and greatly
improve linearity in the application over temperature.
Table 3 (left) illustrates the way the TC code affects the
sensitivity temperature drift. Also note in Table 3, the
overlap in TC codes. The numbers in the table represent
typical results and are for reference only. For accurate
results the TC code must be determined experimentally.
This TC code map applies to MLX90215’s with a first
line brand showing “215DB”
Special Note
The MLX90215 programmed with a zero TC code
(default) has a typical TC value between the range of –
300 to –600 ppm/
oC. This means sensitivity will
decrease slightly as temperature increases. The slightly
negative initial TC value allows the MLX90215 to be
accurately programmed up to 0 TC. Almost all magnets
have a naturally negative TC code. The natural TC of a
magnet added with the initial negative TC value of the
MLX90215 could degrade linearity over a large
temperature span. Using a TC code of 6, 7, or 8 will
give the MLX90215 a slightly positive TC code.
Previous revisions of the MLX90215 with second line
brand of “15AXX” or “15DXX” should refer to factory
for TC code maps.
Diagnostic Characteristics
TC Code
Min
Typical
Max
Units
0
-700
-550
-350
ppm/oC
1
-625
-450
-275
ppm/oC
2
-525
-375
-175
ppm/oC
3
-450
-300
-100
ppm/oC
4
-350
-200
-25
ppm/oC
5
-275
-125
50
ppm/oC
6
-200
-50
125
ppm/oC
7
-100
25
225
ppm/oC
8
125
275
425
ppm/oC
9
225
350
525
ppm/oC
10
300
425
600
ppm/oC
11
375
525
700
ppm/oC
12
450
600
775
ppm/oC
13
525
675
850
ppm/oC
14
600
775
950
ppm/oC
15
675
850
1025
ppm/oC
16
975
1300
1550
ppm/oC
17
1025
1375
1650
ppm/oC
18
1125
1470
1750
ppm/oC
19
1200
1550
1825
ppm/oC
20
1275
1650
1950
ppm/oC
21
1325
1725
2025
ppm/oC
22
1425
1800
2125
ppm/oC
23
1475
1900
2200
ppm/oC
24
1500
2000
2425
ppm/oC
25
1550
2100
2525
ppm/oC
26
1600
2200
2625
ppm/oC
27
1675
2275
2700
ppm/oC
28
1750
2375
2825
ppm/oC
29
1825
2450
2925
ppm/oC
30
1900
2550
3025
ppm/oC
31
1950
2650
3125
ppm/oC
Table 3 - Temperature Compensation
Condition
Output Level
VOUT Shorted to VDD
VOUT = VDD
VOUT Shorted to VSS
VOUT = VSS
VOUT open with pull up load
VOUT = VDD
VOUT open with pull down load
VOUT = VSS
VSS open with pull up load
VOUT = VDD
VSS open with pull down load
> 10 K Ohms
VOUT = VDD
or 94% VDD
VDD open with pull up load
> 4.7 K Ohms
VOUT = VSS
or 3% VDD
VDD open with pull down load
VOUT = VSS
Temperature Compensation
Temperature compensation (TC) is defined as the
change in sensitivity over temperature. Expressed in
(Parts Per Million per Degree Celcius) ppm/
oC.
SensT1 = Sensitivity measured at Temperature 1 (T1)
SensT2 = Sensitivity measured at Temperature 2 (T2)
Sens25 = Initial Sensitivity measured at 25
oC
C
ppm
T
T
Sens
Sens
Sens
TC
o
T
T
6
25
2
1
10
2
1
1
=


Similar Part No. - MLX90215EVA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90215EVA ETC2-MLX90215EVA Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215EVAAAA-106BU MELEXIS-MLX90215EVAAAA-106BU Datasheet
945Kb / 14P
   Position Programmable Linear Hall Effect Sensor
More results

Similar Description - MLX90215EVA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com