Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1256 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D1256
Description  Fire Command Center, Fire Annunciator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D1256 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D1256 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D1256, D1257
Fire Command Center, Fire Annunciator
Specifications
Features
• Compatible with the D9124, D9112, D9412, D7212 and
D7412
• Attractive low profile fire annunciators
• D1256 provides system control with easy to use function
keys
• D1257 can be remotely installed in public access areas
• Built-in multi-tone sounder
• Easy to read vacuum fluorescent display
• Displays complete system status in English format
• Programmable custom text for each point
• Local system test display
• Molded red ABS plastic construction
Description
Radionics’ D1256 Fire Command Center and D1257 Fire
Alarm Annunciator are four-wire serial devices used with the
Radionics’ D9124 Addressable 24 VDC Fire Alarm Control/
Communicator and the D9112, D9412, D7212 and D7412
Control/Communicators. One D1256 is included with the
D9124 panel, which can be accessed through the slide door
on the front of the enclosure.
Both annunciators provide English text displays of system
events with highly visible blue vacuum fluorescent displays. A
built-in sounder alerts building personnel to system alarms
and troubles and guides responding agencies to the
annunciator location.
Both units are molded in durable red plastic and have low
profile enclosures. The wording “Fire Alarm Annunciator” is
clearly printed on the faceplate of the D1257. This allows
inspectors, service technicians and responding fire agencies
to identify the annunciator.
The D1256 Fire Command Center is a full-function system
controller and annunciator. Four special one-touch function
keys provide user-friendly control over the system. The function
keys allow the user to silence the audible alarm output, silence
the trouble sounder, reset the annunciator display and reset
system detectors. Four additional navigational keys allow
access to other programmed system functions.
The D1257 Fire Alarm Annunciator provides remote
annunciation capabilities without system control. Similar in
appearance to a D1256 Fire Command Center, yet the D1257
Fire Alarm Annunciator lacks function keys. This makes system
control functions inaccessible to unauthorized persons. Thus,
the D1257 can be placed in locations where the public may
have access to it. Two navigational keys allow the user to step
forward or backward through a list of system events.
Fire Command Center and Fire Annunciator
Application
The D1256 can be mounted in secure areas for use as both a
system controller and annunciator.
The D1257 Remote Fire Annunciator is typically installed in
building entrances and areas with unrestricted access. Near
exterior doors in hotel or business lobbies are ideal locations.
This allows a responding agency, or persons evacuating the
building to quickly identify the type and location of the emergency
from outside the building without being in danger.
Both devices have a built-in sounder that allows them to be
installed in locations not in general view. Audible tones alert
personnel to fire system events and assist fire fighters in
locating the annunciator.
Installation
The D1256 and D1257 system annunciators connect to the
fire control/communicator through standard four-wire cable.
Shielded cable may sometimes be required where excessive
EMI is a problem.
The field wiring connects to a four-wire harness supplied with
the unit. This harness plugs into a four-pin connector on the
circuit board through the back of the D1256 or D1257. Each
unit has three mounting holes in the base that allow secure,
correct positioning during installation.
Do not install the D1256 or D1257 in direct sunlight. This
damages the module components and makes the display
less visible.
Install, test and maintain these devices according to their
Installation Guides, NFPA 72, Local Codes and the Authority
Having Jurisdiction. Failure to follow these procedures may
result in failure of the devices to operate properly. Radionics is
not responsible for devices that are improperly installed, tested
and maintained.
National Security Systems Inc (800)457-1999


Similar Part No. - D1256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
45Kb / 8P
   Control/Communicators
More results

Similar Description - D1256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1257 ETC2-D1257 Datasheet
121Kb / 2P
   Fire Annunciator
logo
Gamewell-FCI by Honeywe...
GV-MP16-RC GAMEWELL-FCI-GV-MP16-RC Datasheet
152Kb / 2P
   Fire Command Center Multiplexed Voice Multiplexed Voice
logo
Laird Tech Smart Techno...
QR-13AF LSTD-QR-13AF Datasheet
201Kb / 2P
   Fire retardant
logo
3M Electronics
E-54A 3M-E-54A Datasheet
157Kb / 3P
   Fire Protection Products
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
   Video/Security/Fire
12-Feb-2023
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
   Conventional Fire Alarms
logo
STMicroelectronics
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
   FIRE LIGHTER CIRCUIT
logo
Adam Technologies, Inc.
FWC-C-S-RA ADAM-TECH-FWC-C-S-RA Datasheet
88Kb / 1P
   FIRE WIRE CONNECTOR
logo
Mallory performance clu...
5520 MALLORY-5520 Datasheet
1Mb / 12P
   Street Fire CDI
logo
Schneider Electric
SSP030SLACSE39 SCHNEIDER-SSP030SLACSE39 Datasheet
89Kb / 1P
   Video/Security/Fire
12-Feb-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com