Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6574MAX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6574MAX
Description  4:1 High Speed Video Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6574MAX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6574MAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6574MAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
±5V Electrical Characteristics (Continued)
V
S = ±5V, RL = 100
Ω,A
V = 2 V/V, RF = 575
Ω,T
J = 25 ˚C, Unless otherwise specified. Bold numbers specify limits at tem-
perature extremes.
Symbol
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
ICC
Supply Current (Note 5)
No Load
13
16
18
mA
Supply Current Disabled(Note 5)
ENABLE>2V
4.7
5.8
5.9
mA
Supply Current Shutdown
SHUTDOWN > 2V
1.8
2.5
2.6
mA
VIH
Logic High Threshold(Note 5)
Select & Enable Pins (SD & EN)
2.0
V
VIL
Logic Low Threshold (Note 5)
Select & Enable Pins (SD & EN)
0.8
V
IiL
Logic Pin Input Current Low
(Note 7)
Logic Input = 0V Select & Enable
Pins (SD & EN)
−2.9
-8.5
−1
µA
IiH
Logic Pin Input Current High
(Note 7)
Logic Input = 2.0V, Select & Enable
Pins (SD & EN)
47
68
72.5
µA
Miscellaneous Performance
RIN+
Input Resistance
5k
CIN
Input Capacitance
0.8
pF
ROUT
Output Resistance
Output Active, (EN and SD < 0.8 V)
0.04
ROUT
Output Resistance
Output Disabled, (EN or SD > 2V)
3000
COUT
Output Capacitance
Output Disabled, (EN or SD > 2V)
3.1
pF
VO
Output Voltage Range
No Load
±3.54
±3.53
±3.7
V
VOL
R
L = 100
±3.18
±3.17
±3.5
V
CMIR
Input Voltage Range
±2.5
±2.6
V
IO
Linear Output Current (Notes 5, 7)
V
IN = 0V
+60
-70
+50
−60
±80
mA
ISC
Short Circuit Current (Note 3)
V
IN = ±2V, Output Shorted to
Ground
±230
mA
±3.3V Electrical Characteristics
V
S = ±3.3V, RL = 100
Ω,A
V = 2 V/V, RF = 575
Ω; Unless otherwise specified.
Symbol
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
Frequency Domain Performance
SSBW
−3 dB Bandwidth
V
OUT = 0.5 VPP
475
MHz
LSBW
−3 dB Bandwidth
V
OUT = 2.0 VPP
375
MHz
0.1 dBBW
0.1 dB Bandwidth
V
OUT = 0.5 VPP
100
MHz
GFP
Peaking
DC to 200 MHz
0.4
dB
XTLK
Channel to Channel Crosstalk
All Hostile,f=5MHz
−85
dBc
Time Domain Response
TRL
Rise and Fall Time
2V Step
2
ns
TSS
Settling Time to 0.05%
2V Step
20
ns
OS
Overshoot
2V Step
5
%
SR
Slew Rate
2V Step
1400
V/µs
Distortion
HD2
2
nd Harmonic Distortion
2 V
PP, 10 MHz
−67
dBc
HD3
3
rd Harmonic Distortion
2 V
PP, 10 MHz
−87
dBc
www.national.com
3


Similar Part No. - LMH6574MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574MAX NSC-LMH6574MAX Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574MAX/NOPB TI1-LMH6574MAX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
More results

Similar Description - LMH6574MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574 TI1-LMH6574 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com