Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6574 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6574
Description  4:1 High Speed Video Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6574 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6574_05 Datasheet HTML 6Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 7Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 8Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 9Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 10Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 11Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 12Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 13Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Notes (Continued)
The LMH6574 has a current feedback output buffer with gain
determined by external feedback (R
F) and gain set (RG)
resistors. With current feedback amplifiers, the closed loop
frequency response is a function of R
F. For a gain of 2 V/V,
the recommended value of R
F is 575
Ω. For other gains see
the chart “Suggested R
F vs Gain”. Generally, lowering RF
from the recommended value will peak the frequency re-
sponse and extend the bandwidth while increasing the value
of R
F will cause the frequency response to roll off faster.
Reducing the value of R
F too far below the recommended
value will cause overshoot, ringing and, eventually, oscilla-
tion.
Since all applications are slightly different it is worth some
experimentation to find the optimal R
F for a given circuit. For
more information see Application Note OA-13 which de-
scribes the relationship between R
F and closed-loop fre-
quency response for current feedback operational amplifiers.
The impedance looking into pin 12 is approximately 20
Ω.
This allows for good bandwidth at gains up to 10 V/V. When
used with gains over 10 V/V, the LMH6574 will exhibit a “gain
bandwidth product” similar to a typical voltage feedback
amplifier. For gains of over 10 V/V consider selecting a high
performance video amplifier like the LMH6720 to provide
additional gain.
SD vs. EN
The LMH6574 has both shutdown and disable capability.
The shutdown feature affects the entire chip, whereas the
disable function only affects the output buffer. When in shut-
down mode, minimal power is consumed. The shutdown
function is very fast, but causes a very brief spike of about
400 mV to appear on the output. When in shutdown mode
the LMH6574 consumes only 1.8 mA of supply current. For
maximum input to output isolation use the shutdown func-
tion.
The EN pin only disables the output buffer which results in a
substantially reduced output glitch of only 50 mV. While
disabled the chip consumes 4.7 mA, considerably more than
when shutdown. This is because the input buffers are still
active. For minimal output glitch use the EN pin. Also, care
should be taken to ensure that, while in the disabled state,
the voltage differential between the active input buffer (the
one selected by pins A0 and A1) and the output pin stays
less than 2V. As the voltage differential increases, input to
output isolation decreases. Normally this is not an issue. See
the section on MULTIPLEXER EXPANSION for further de-
tails.
To reduce the output glitch when using the SD pin, switch the
EN pin at least 10 ns before switching the SD pin. This can
be accomplished by using an RC delay circuit between the
two pins if only one control signal is available.
Logic inputs "SD" and "EN" will revert to the "High", while
"A
0" and "A1" will revert to the "Low" state when left floating.
MULITPLEXER EXPANSION
Figure 3 shows an 8:1 MUX using two LMH6574’s.
20119718
FIGURE 3. 8:1 MUX USING TWO LMH6574’s
www.national.com
11


Similar Part No. - LMH6574_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574MA NSC-LMH6574MA Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574MA TI1-LMH6574MA Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
LMH6574MA/NOPB TI1-LMH6574MA/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574MAX NSC-LMH6574MAX Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574MAX/NOPB TI1-LMH6574MAX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
More results

Similar Description - LMH6574_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574 TI1-LMH6574 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com