Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT52MZ Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BYT52MZ
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYT52MZ Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BYT52MZ Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYT52MZ Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Cas e:JEDEC DO--15,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces ,0.39 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50Hz,res is tive or inductive load. For capacitive load,derate by 20%.
BYT
52G
BYT
52J
BYT
52K
BYT
52M
UNITS
Maximum rec urrent peak rev erse voltage
VRRM
400
600
800
1000
V
Maximum RMS voltage
VRMS
280
420
560
700
V
Maximum DC bloc king v oltage
VDC
400
600
800
1000
V
Maximum average f orw ard rectif ied c urrent
9.5mm lead length,
@T
A =75
Peak f orw ard surge current
10ms s ingle half -sine-w av e
s uperimpos ed on rated load
@T
J =125
Maximum ins tantaneous f orw ard voltage
(
@ 1.0A
VF
V
Maximum rev erse current
@T
A =25
at rated DC bloc king voltage
@T
A=100
Maximum rev erse recovery time (Note1)
trr
ns
Ty pical junc tion c apac itanc e
(Note2)
CJ
pF
Ty pical thermal resistance
(Note3)
RqJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
N OTE:1. Meas ured with I
F =0. 5A, I R=1A, I rr=0. 25A.
2. Measured at 1.0MH Z and applied rev erse v oltage of 4.0V D C .
3. Therm al resistance f rom junction to am bient .
18
45
50.0
1.4
200
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
100
70
10
IF(AV)
FAST RECOVERY RECT IFIERS
VOLT AGE RANGE: 50 --- 1000 V
CURRENT : 1.4 A
GALAXY ELECTRICAL
Eas ily cleaned with Freon, Alcohol,Is opropanol and
s im ilar s olvents
140
BYT
52B
BYT52A(Z)---BYT52M(Z)
BYT
52D
IFSM
IR
DO - 15
50
50
35
BYT
52A
200
-55 ---- + 150
-55 ---- + 150
200
A
A
5.0
100.0
1.3
A
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0261043
1.


Similar Part No. - BYT52MZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT52M VISHAY-BYT52M Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
EIC discrete Semiconduc...
BYT52M EIC-BYT52M Datasheet
43Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT52M VISHAY-BYT52M Datasheet
114Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
logo
Diode Semiconductor Kor...
BYT52M DSK-BYT52M Datasheet
266Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYT52M LUGUANG-BYT52M Datasheet
1Mb / 2P
   Fast Recovery Rectifiers
More results

Similar Description - BYT52MZ

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com