Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV96E Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BYV96E
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYV96E Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BYV96E Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYV96E Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and sim ilar s olvents
MECHANICAL DATA
Case:JEDEC DO-15,m olded plastic
Term inals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014ounces ,0.39 gram s
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BYV 96E
UNITS
Maximum recurrent peak reverse voltage
VRRM
1000
V
Maximum RMS voltage
VRMS
700
V
Maximum DC blocking voltage
VDC
1000
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE:1. Measured with I
F=0. 5A, I R=1A, Irr=0. 25A.
A
IFSM
3. Thermal resistance f rom junction to ambient.
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
-55-----+150
-55-----+150
45
300
Easily cleaned with Freon,Alcohol,Is opropanol
The plas tic m aterial carries U/L recognition 94V-0
IR
50.0
5.0
100.0
1.6
BYV 96D
800
560
18
BYV96D(Z)---BYV96E(Z)
VOLTAGE RANGE: 800 --- 1000 V
CURRENT: 1.5 A
1.5
A
FAST RECOVERY RECT IFIER
IF(AV)
800
GALAXY ELECTRICAL
DO - 15
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0261048
1.


Similar Part No. - BYV96E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV96E PHILIPS-BYV96E Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYV96E EIC-BYV96E Datasheet
19Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
General Semiconductor
BYV96E GE-BYV96E Datasheet
52Kb / 2P
   MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
SynSemi, Inc.
BYV96E SYNSEMI-BYV96E Datasheet
33Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYV96E EIC-BYV96E Datasheet
48Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYV96E

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com