Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV95C Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BYV95C
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYV95C Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BYV95C Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYV95C Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
1
10
100
20
30
40
50
60
TJ=125
8.3ms Single Half
Sine-Wave
100
0.5
50
0
25
75
1.0
1.5
2.0
150
125
175
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300
µS
1.8
2.0
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0261047
2.
1
1
10
100
TJ=25
f=1.0MHz
20
40
4
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
FIG.5-- TYPICAL JUNCTION CAPACITANCE
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
FIG.3 --PEAK FORWARD SURGE CURRENT
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 --FORWARD DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.4--TYPICAL FORWARD CHARACTERISTIC
BYV95A---BYV95C
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTIC CURVES
NUMBER OF CYCLES AT 60 Hz


Similar Part No. - BYV95C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95C PHILIPS-BYV95C Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
SAMYANG ELECTRONICS CO....
BYV95C SAMYANG-BYV95C Datasheet
1Mb / 2P
   Fast R ecovery Rectifiers
logo
EIC discrete Semiconduc...
BYV95C EIC-BYV95C Datasheet
19Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
General Semiconductor
BYV95C GE-BYV95C Datasheet
52Kb / 2P
   MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
SynSemi, Inc.
BYV95C SYNSEMI-BYV95C Datasheet
33Kb / 2P
   AVALANCHE FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYV95C

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com