Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5163PCBA-41X Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5163PCBA-41X
Description  3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5163PCBA-41X Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5163PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF5163PCBA-41X Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF5163
Rev A12 DS061114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Figure 1 below shows the major component line-up for an ultra linear fixed application (e.g., an access point (AP)) transmitter
capable of producing +26dBm RF POUT with an amplifier stage (driver + final stage power amplifier IC, RF2373 + RF5163) EVM
contribution of < 2.5% EVM, RMS (mean).
The RF5163PCBA-WD Evaluation Board employs the RF2373 as a driver amplifier at the input to the RF5163 (as final stage
power amplifier IC). The RF2373 is a very high linearity single stage low noise amplifier (LNA)/driver amplifier that demon-
strates approximately 15dB of gain from 2400MHz to 2500MHz and is capable of delivering +6dBm RF POUT at < 1% EVM
(RMS, mean). The RF5163PCBA-WD Evaluation Board is designed to maximize both useful gain and ultra linear transmit power
performance. Typical RF5163PCBA-WD Evaluation Board specifications are shown in the Table below:
Typical RF5163PCBA-WD Evaluation Board Specifications:
All application information described above for the RF5163PCBA Evaluation Board applies directly to the RF5163PCBA-WD
Evaluation Board.
Parameter
Min.
Typ.
Max.
Unit
Condition
Frequency Range
2400
2500
MHz
T=25°C, VCC=+5.0VDC; All VREG voltages=+3.0VDC
Output Power
+26
dBm
EVM
2.5
%
RMS, mean (IEEE802.11g/n; Maximum Data Rate)
Gain
33
40
dB
-10dBm RF Pin
Power Supply
Operating Voltage
(VCC)5.0
VDC
Bias Voltage (VREG)3.0
VDC
Current Consumption
660
mA
RF POUT=+26dBm; RF PIN=-10dBm; P_Down is “ON”,
IEEE802.11g/n Modulation @ Maximum Data Rate
Figure 1. IEEE802.11g/n AP Transmitter Major Component Line-Up
OFDM
(IEEE802.11g/n)
MAC + BBP IC
Ethernet
Processor
RFMD RF2959
WLAN "g"
Transciever IC
RFMD RF2373
Driver Amplifier
G=15dB
RF In = -9dBm; RF Out = +6dBm
EVM < 1%
Vcc = +5 Vdc
Vcc = 3 Vdc
RF Out = -9dBm
@54Mbps
EVM < 3%
RFMD RF5163
PA IC
G=20dB
RF In = +6dBm;RF Out=+26dBm
EVM < 2.0%
Vcc=+5Vdc
Antenna
Maximum Total Transmit EVM (RMS, Mean) @ 54Mbps:
RF Pout = +26dBm with Transmit 'Chain' EVM < 3.8%
PA Stage EVM Contribution
<2.5% @ +26dBm RF Pout


Similar Part No. - RF5163PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5163PCBA-41X RFMD-RF5163PCBA-41X Datasheet
510Kb / 12P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
More results

Similar Description - RF5163PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125 Datasheet
261Kb / 12P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_1 Datasheet
288Kb / 12P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
   3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com