Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5373PCBA-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF5373PCBA-410
Description  1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5373PCBA-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RF5373PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF5373PCBA-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3 of 14
RF5373
Rev A6 DS070521
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
IEEE802.11g
Nominal conditions: VCC=3.1V, VREG=1.75V
pulsed at 1% to 100% duty cycle,
Freq=2.45GHz, Temp=+25°C, unless other-
wise specified.
Frequency
2.4
2.5
GHz
Output Power
10
12
dBm
2.4GHz to 2.5GHz
EVM
4
%
Gain
25
28
dB
2.4GHz to 2.5GHz
Gain Variance Over Temperature
-30°C to +85°C
1.0
±dB
2.4GHz to 2.5GHz
Second Harmonic
-27
dBm
Fundamental frequency is between 2400MHz
to 2500MHz (RFPOUT=+10dBm), see note 2
IEEE802.11g Spectral Mask per
FCC Part 15.205
-43
dBm
Amplifier setup for best IEEE802.11g perfor-
mance; FC=2412MHz; RFPOUT=+10dBm;
IEEE802.11b CCK 11Mbps modulation;
T=+25°C; measured at FC-25MHz
-43
dBm
Amplifier setup for best IEEE802.11g perfor-
mance; FC=2462MHz; RFPOUT=+10dBm;
IEEE802.11b CCK 11Mbps modulation;
T=+25°C; measured at FC+25MHz
Operating Current
50
mA
POUT=+10dBm at nominal conditions
Idle Current
45
mA
At nominal conditions with no RF
IREG Current
5.5
mA
Shutdown Current
10
μA
Power Detector
POUT=+10dBm
0.40
0.55
0.7
V
Input Capacitance
5
pF
Bandwidth
8
MHz
Turn-On Time
1.5
1.8
μS
Output stable to within 90% of final gain, see
note 1.


Similar Part No. - RF5373PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5373PCBA-410 RFMD-RF5373PCBA-410 Datasheet
82Kb / 2P
   1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
More results

Similar Description - RF5373PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5373 RFMD-RF5373 Datasheet
82Kb / 2P
   1.8V TO 3.6V IEEE802.11b/g/n AND BLUETOOTH DRIVER/AMPLIFIER
RF5373 RFMD-RF5373_15 Datasheet
1Mb / 13P
   AND BLUETOOTH DRIVER/AMPLIFIER
logo
Taiyo Yuden (U.S.A.), I...
WYSACVLXY-XX TAIYO-YUDEN-WYSACVLXY-XX Datasheet
782Kb / 30P
   Software Embedded WLAN Module IEEE802.11b/g/n
logo
Golledge Electronics Lt...
GTXO-203V GOLLEDGE-GTXO-203V Datasheet
584Kb / 5P
   1.8V ~ 3.6V SM VCTCXO
GTXO-203T GOLLEDGE-GTXO-203T Datasheet
583Kb / 5P
   1.8V ~ 3.6V SM TCXO
logo
Texas Instruments
WL1271-TIWI-BLE TI1-WL1271-TIWI-BLE Datasheet
28Kb / 2P
[Old version datasheet]   WLAN 802.11 b/g/n and Bluetooth v4.0
logo
Golledge Electronics Lt...
GTXO-203 GOLLEDGE-GTXO-203 Datasheet
171Kb / 2P
   1.8V - 3.6V SM (VC)TCXO
GTXO-93T GOLLEDGE-GTXO-93T Datasheet
593Kb / 5P
   1.8V ~ 3.6V SM TCXO for GPS
GTXO-93 GOLLEDGE-GTXO-93 Datasheet
173Kb / 2P
   1.8V - 3.6V SM TCXO for GPS
logo
Suntsu Electronics, Inc...
SATIA-104F7I-WFB3 SUNTSU-SATIA-104F7I-WFB3 Datasheet
702Kb / 4P
   Bluetooth & IEEE 802.11a/b/g/n/ac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com