Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3037FN Datasheet(PDF) 3 Page - STMicroelectronics

Part # L3037FN
Description  SUBSCRIBER LINE INTERFACE CIRCUIT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3037FN Datasheet(HTML) 3 Page - STMicroelectronics

  L3037FN Datasheet HTML 1Page - STMicroelectronics L3037FN Datasheet HTML 2Page - STMicroelectronics L3037FN Datasheet HTML 3Page - STMicroelectronics L3037FN Datasheet HTML 4Page - STMicroelectronics L3037FN Datasheet HTML 5Page - STMicroelectronics L3037FN Datasheet HTML 6Page - STMicroelectronics L3037FN Datasheet HTML 7Page - STMicroelectronics L3037FN Datasheet HTML 8Page - STMicroelectronics L3037FN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PIN CONNECTION (Top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vbat
Battery Voltage
-64 to VSS+0.5
V
VCC
Positive Supply Voltage (0 to 1ms)
(continuous)
-0.4 to +7
-0.4 to +5.5
V
V
VSS
Negative Supply Voltage (0 to 1ms)
(continuous)
-7 to +0.4
-5.5 to +0.4
V
V
Vagnd -
Vbgnd
Agnd Respect Bgnd (continuous)
-2 to +2
V
VREL
Ring Relay Supply Voltage
14
V
Vdig
Digital I/O D0, D1, GST, LIM, ODET, OGK
-0.4 to +5.5
V
Idig
Digital I/O D0, D1, GST, LIM, ODET, OGK
-3 to +3
mA
Tj
Maximum Junction Temperature
+150
°C
Tstg
Storage Temperature
-55 to +150
°C
Hu
Humidity
5 to 95
%
Note: In case of power on, power failure or hot insertion with VDD,VSS present and Vbat floating the Absolute Maximum Ratings can be exceeded
with Vbat > VSS +0.5V. In this case the power consumption of the device increases and the logic output state including relay driver are
not controlled. This effect can be prevented ensuring that Vbat is always present before VDD and VSS or connecting one shottky diode
(e.g. BAT49X or equivalent) between Vbat and VSS. One diode can be shared between all the SLICs of the same line card.
OPERATING RANGE
Symbol
Parameter
Value
Unit
Top
Operating Temperature Range
-40 to +85
°C
Vagnd -
Vbgnd
Difference between Agnd and Bgnd
-2 to +2
V
VCC
Positive Supply voltage
+4.5 to +5.5
V
VSS
Negative Supply Voltage
-5.5 to -4.5
V
Vbat
Battery Voltage
-62 to -17
V
VREL
Ring Relay Supply Voltage
4 to 13
V
THERMAL DATA
Symbol
Parameter
PLCC44
PQFP44
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
45
75
°C/W
PLCC44
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
N.C.
N.C.
TIP
VREG
VB
STIP
CRT
N.C.
SRING
N.C.
RING
VB
N.C.
N.C.
RS
CAC
ZB
TTXIN
ZAC
RX
N.C.
TX
D94TL129
12
13
14
15
16
PQFP44
L3037
3/22


Similar Part No. - L3037FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3030 STMICROELECTRONICS-L3030 Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
More results

Similar Description - L3037FN

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com