Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB1500DFN-BB Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # EB1500DFN-BB
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

EB1500DFN-BB Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  EB1500DFN-BB Datasheet HTML 1Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 2Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 3Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 4Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 5Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 6Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 7Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 8Page - Filtronic Compound Semiconductors EB1500DFN-BB Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
Datasheet v3.0
FPD1500DFN
FEATURES (1850MHZ):
27 dBm Output Power (P1dB)
18 dB Small-Signal Gain (SSG)
1.2 dB Noise Figure
42 dBm Output IP3
45% Power-Added Efficiency
FPD1500DFN - RoHS compliant
GENERAL DESCRIPTION:
The FPD1500DFN is a packaged depletion
mode AlGaAs/InGaAs pseudomorphic High
Electron
Mobility
Transistor
(pHEMT).
It
utilizes a 0.25 µm x 750 µm Schottky barrier
Gate,
defined
by
high-resolution
stepper-
based photolithography.
The recessed and
offset Gate structure minimizes parasitics to
optimize
performance,
with
an
epitaxial
structure designed for improved linearity over
a range of bias conditions and input power
levels.
PACKAGE:
RoHS
TYPICAL APPLICATIONS:
Drivers or output stages in PCS/Cellular
base station transmitter amplifiers
High intercept-point LNAs
WLL and WLAN systems, and other types
of wireless infrastructure systems.
ELECTRICAL SPECIFICATIONS:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
26
27
dBm
Small-Signal Gain
SSG
VDS = 5 V; IDS = 50% IDSS
16.0
18
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Noise Figure
NF
VDS = 5 V; IDS = 50% IDSS
1.2
dB
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 5V; IDS = 50% IDSS
Matched for optimal power
Matched for best IP3
40
42
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
375
465
550
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS
≅ +1 V
750
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
400
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
1
15
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 1.5 mA
0.7
0.9
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 1.5 mA
12
16
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 1.5 mA
12
16
V
Note: TAMBIENT = 22°; RF specification measured at f = 1850 MHz using CW signal (except as noted)


Similar Part No. - EB1500DFN-BB

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
EB1500DFN-BB FILTRONIC-EB1500DFN-BB Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - EB1500DFN-BB

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com