Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD1500DFN Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FPD1500DFN
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500DFN Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPD1500DFN_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Datasheet v3.0
FPD1500DFN
TYPICAL OUTPUT PLANE CONTOURS (VDS = 5V, IDS = 50%IDSS):
0
1.
0
1.
0
-
1.
10
.0
10.
0
-
10 0
5.
0
5.
0
-
5 0
2.
0
2.
0
-
2.
3.
0
3.
0
-
30
4.
0
4.
0
-
40
0.
2
0.
2
-
02
0.
4
0.
4
-
04
0.
6
0.
6
-
0.
0.
8
0.
8
-
0.
FPD1500DFN POWER CONTOURS 900MHz
Swp Max
114
Swp Min
1
28dBm
27dBm
26dBm
25dBm
23dBm
22dBm
21dBm
24dBm
0
1.
0
1.
0
-
1.
0
10
.0
10.0
-10.0
5.
0
5.0
-5.0
2.
0
2.
0
-
2.
0
3.
0
3.0
-3.0
4.
0
4.0
-4.0
0.
2
0.2
-0.2
.4
0.
4
0.4
-0
0.
6
0.
6
-
0.
6
0.
8
0.
8
-
0.
8
21dBm
27dBm
26dBm
25dBm
23dBm
28dBm
22dBm
1
Swp Min
159
FPD1500DFN POWER CONTOURS 1850MHz
Swp Max


Similar Part No. - FPD1500DFN_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD1500DFN_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com