Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD6836P70 Datasheet(PDF) 9 Page - Filtronic Compound Semiconductors

Part # FPD6836P70
Description  LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD6836P70 Datasheet(HTML) 9 Page - Filtronic Compound Semiconductors

  FPD6836P70_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
9
Datasheet v3.0
FPD6836P70
PACKAGE OUTLINE:
(dimensions in millimeters – mm)
PREFERRED ASSEMBLY INSTRUCTIONS:
Available on request.
HANDLING PRECAUTIONS:
To avoid damage to
the
devices
care
should
be
exercised
during
handli
Proper
Electrostatic
Discharge
(ESD)
precautions should be observed at all stages of
storage,
handling,
assembly,
and
testing.
These devices should be treated as Class 0 (0-
250 V) as defined in JEDEC Standard No. 22-
A114-B (Human Body Model) and Class 0 (0-
250V) per JESD22-A115-A (Machine Model).
Further information on ESD control measures
can be found in MIL-STD-1686 and MIL-
HDBK-263.
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data including S-
parameters are available on request.
DISCLAIMERS:
This product is not designed for use in any
space
based
or
life
sustaining/supporting
equipment.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
FPD6836P70
Packaged pHEMT
ng.


Similar Part No. - FPD6836P70_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD6836P70 FILTRONIC-FPD6836P70 Datasheet
191Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
More results

Similar Description - FPD6836P70_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LPV1500 FILTRONIC-LPV1500 Datasheet
33Kb / 2P
   PACKAGED LOW NOISE PHEMT
LPS200P70 FILTRONIC-LPS200P70 Datasheet
59Kb / 3P
   PACKAGED LOW NOISE PHEMT
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com