Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY252 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BY252
Description  PLASTIC SILICON RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BY252 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BY252 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BY252 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BY252 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
4
10
8
20
40 60 80 100
0
TJ=125℃
8.3ms Single Half
Sine-Wave
1 00
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
410
2
0
40
1
00
f=1MHz
TJ=25
T J=25
P ulse W idth=3 00uS
10
4
2
0.6
0.8
1.0
1.2
1.4
1.6
100
1.0
0.4
0.2
0.1
0.06
0.04
0.02
0.01
50
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0
0
25
1
2
3
4
75
100
150
125
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0260014
2.
NUMBER OF CYCLES AT 60Hz
SURGE CURRENT
FIG.3 -- MAXIMUM NON-REPETITIVE FORWARD
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
BY251(Z)---BY255(Z)
FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTICCURVES
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS
FIG.2 -- TYPICAL CURRENT DERATING CURVE


Similar Part No. - BY252

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY252 PANJIT-BY252 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY252 DIOTEC-BY252 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
BY252 DIOTEC-BY252 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Pan Jit International I...
BY252 PANJIT-BY252 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Transys Electronics
BY252 TRSYS-BY252 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Similar Description - BY252

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com