Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SA1586W Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. 2SA1586W
Description  PNP Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo 

   
 1 page
background image
BL Galaxy Electrical
Production specification
PNP Silicon Epitaxial Planar Transistor
2SA1586W
Document number: BL/SSSTF032
www.galaxycn.com
Rev.A
1
FEATURES
High voltage and high current.
Excellent HFE Linearity.
High hFE linearity.
Complementary to 2SC4116.
APPLICATIONS
Audio frequency general purpose amplifier applications.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
2SA1586W
SO/SY/SG
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-150
mA
PC
Collector Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55~125
Pb
Lead-free




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SA2180PNP Epitaxial Planar Silicon Transistor 50V / 5A High-Speed Switching 1 2 3 4 Sanyo Semicon Device
2SA2181PNP Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching 1 2 3 4 Sanyo Semicon Device
CPH3148PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
7MP05SFPNP Epitaxial Planar Silicon Transistor High-Frequency General-Purpose Amplifier Applications 1 2 3 4 Sanyo Semicon Device
GI1182PNP SILICON EPITAXIAL PLANAR TRANSISTOR 1 2 GTM CORPORATION
GI1202PNP EPITAXIAL PLANAR SILICON TRANSISTOR 1 2 3 GTM CORPORATION
2SA2127PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications 1 2 3 4 Seme LAB
2SA1576AWPNP Silicon Epitaxial Planar Transistor 1 2 3 Galaxy Semi-Conductor Holdings Limited
2SA2153PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
2SA1577WPNP Silicon Epitaxial Planar Transistor 1 2 3 Galaxy Semi-Conductor Holdings Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl