Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM55DZ-H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # TM55DZ-H
Description  MEDIUM POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM55DZ-H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  TM55DZ-H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM55DZ-H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM55DZ-H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM55DZ-H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM55DZ-H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM55DZ/CZ-M,-H
MEDIUM POWER GENERAL USE
INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
DC motor control, NC equipment, AC motor control, Contactless switches,
E lectric furnace temperature control, Light dimmers
TM55DZ/CZ-M,-H
• IT (AV)
Average on-state current ............ 55A
• VRRM
Repetitive peak reverse voltage
........ 400/800V
• VDRM
Repetitive peak off-state voltage
........ 400/800V
• DOUBLE ARMS
• Insulated Type
• UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
93.5
80
17.5
20
20
3–M5
2–
φ6.5
K1 G1
K2 G2
Tab#110,
t=0.5
(DZ)
A1K2
CR1
K1
K1 G1
CR2
A2
K2 G2
(CZ)
A1
CR1
K1K2
K1 G1
CR2
A2
K2 G2
LABEL


Similar Part No. - TM55DZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM55DZ-24 MITSUBISHI-TM55DZ-24 Datasheet
64Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
TM55DZ-2H MITSUBISHI-TM55DZ-2H Datasheet
64Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM55DZ-H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-M MITSUBISHI-TM55RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM60DZ-M MITSUBISHI-RM60DZ-M Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TC-24 MITSUBISHI-RM30TC-24 Datasheet
48Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM10T3B-M MITSUBISHI-TM10T3B-M Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20RA-M MITSUBISHI-TM20RA-M Datasheet
74Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30CZ MITSUBISHI-RM30CZ Datasheet
53Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM30TB-H MITSUBISHI-RM30TB-H Datasheet
38Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
RM75TC-M MITSUBISHI-RM75TC-M Datasheet
51Kb / 3P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com