Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM55DZ-2H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # TM55DZ-2H
Description  HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM55DZ-2H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  TM55DZ-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM55DZ-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM55DZ-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM55DZ-2H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM55DZ-2H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
0
10
1
10
0
10
–1
10
–2
10
–3
10
–1
10
1
10
0
10
1
10
2
10
3
10
4
10
3
10
2
10
1
10
0
10
70
50
30
20
7
5
3
2
200
400
1200
600
800
1000
10
1
100
0.6
7
5
3
2
7
5
3
2
7
5
3
2
0.8
1.2
2.0 2.2
1.6
1.0
1.4
1.8
Tj=125°C
7
5
3
2
7
5
3
2
7
5
3
2
3
2
7
5
3
2
7
5
3
2
4
7
5
4
VGT=2.0V
IGT=
100mA
PGM=5.0W
VFGM=10V
VGD=0.25V
PG(AV)=
0.50W
Tj=25°C
7
5
3
2
7
5
3
2
7
5
3
2
0.8
0
7
5
3
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
080
30
10
50
70
80
10
20
30
40
50
60
70
20
40
60
θ=30°
120°
90°
180°
θ
360°
60°
130
50
060
80
10
20
50
60
70
80
90
100
110
120
30
40
70
θ=30° 60°
θ
360°
120°
180°
90°
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
RESISTIVE,
INDUCTIVE
LOAD
PER SINGLE
ELEMENT
PERFORMANCE CURVES
MAXIMUM ON-STATE CHARACTERISTIC
GATE CHARACTERISTICS
MAXIMUM TRANSIENT THERMAL
IMPEDANCE (JUNCTION TO CASE)
MAXIMUM AVERAGE ON-STATE
POWER DISSIPATION
(SINGLE PHASE HALFWAVE)
LIMITING VALUE OF THE AVERAGE
ON-STATE CURRENT
(SINGLE PHASE HALFWAVE)
RATED SURGE (NON-REPETITIVE)
ON-STATE CURRENT
ON-STATE VOLTAGE (V)
CONDUCTION TIME
(CYCLES AT 60Hz)
TIME (s)
GATE CURRENT (mA)
AVERAGE ON-STATE CURRENT (A)
AVERAGE ON-STATE CURRENT (A)
MITSUBISHI THYRISTOR MODULES
TM55DZ/CZ-24,-2H
HIGH VOLTAGE HIGH POWER GENERAL USE
INSULATED TYPE


Similar Part No. - TM55DZ-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM55DZ-H MITSUBISHI-TM55DZ-H Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55DZ-M MITSUBISHI-TM55DZ-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM55DZ-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM130RZ-24 MITSUBISHI-TM130RZ-24 Datasheet
60Kb / 4P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
TM90DZ-24 MITSUBISHI-TM90DZ-24 Datasheet
63Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-24 MITSUBISHI-TM90RZ-24 Datasheet
67Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
RM30TC-40 MITSUBISHI-RM30TC-40 Datasheet
48Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM15TC-40 MITSUBISHI-RM15TC-40 Datasheet
47Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100D2Z-40 MITSUBISHI-RM100D2Z-40 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM30DZ-24 MITSUBISHI-RM30DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TA-24 MITSUBISHI-RM20TA-24 Datasheet
70Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM20TPM-24 MITSUBISHI-RM20TPM-24_02 Datasheet
44Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
RM100DZ-24 MITSUBISHI-RM100DZ-24 Datasheet
45Kb / 3P
   HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com