Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US90AEDC Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US90AEDC
Description  24V Hall IC Fan Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US90AEDC Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US90AEDC Datasheet HTML 1Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 2Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 3Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 4Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 5Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 6Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 7Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 8Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
US90A / US91A
24V Hall IC Fan Driver
390109026302
Page 1 of 12
Data Sheet
Rev 002
Apr/07
Features and Benefits
Low cost
High sensitivity Hall Sensor
Locked rotor protection and auto-restart
Power-efficient CMOS and power MOSFETs
Built-in output protection clamping diode
Integrated tachometer (US90A) or alarm (US91A) signal output
2-coil fan driver with FG/RD output in 4-pin VK / VA
and 8-pin narrow SOIC packages (all RoHS Compliant)
Application Examples
12V/24V fans
Peak current up to 500mA
Ordering Information
Part No.
Temperature Code
Package Code
US90A
E (-40°C to 85°C)
VK (4-pin TO-92)
US90A
E (-40°C to 85°C)
DC (8-pin narrow SOIC)
US90A
E (-40°C to 85°C)
VA (4-pin TO-92 flat)
US91A
E (-40°C to 85°C)
VK (4-pin TO-92)
US91A
E (-40°C to 85°C)
DC (8-pin narrow SOIC)
US91A
E (-40°C to 85°C)
VA (4-pin TO-92 flat)
1 Functional Diagram
2 General Description
The US90A/91A is a one-chip solution for driving
two-coil brushless DC cooling fans.
Based on the advanced Melexis CMOS process,
the IC contains a Hall-effect sensor, dynamic
offset correction and low side output drivers.
Frequency Generator or Rotation Detection is
available. The open-drain output makes the
connectivity with any external interface such as
hardware monitoring or Super I/O IC easier.
These features are combined with the Melexis
patented no-VDD design to fit the IC in small 4-pin
VK and VA package.
The device is also delivered in DC package for
automatic assembly.


Similar Part No. - US90AEDC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
More results

Similar Description - US90AEDC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Anpec Electronics Corop...
APX9189 ANPEC-APX9189 Datasheet
170Kb / 10P
   12V/24V High Sensitivity Hall IC for FAN Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com