Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US651 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # US651
Description  Two-Coil Low Noise Fan Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US651 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  US651 Datasheet HTML 1Page - Melexis Microelectronic Systems US651 Datasheet HTML 2Page - Melexis Microelectronic Systems US651 Datasheet HTML 3Page - Melexis Microelectronic Systems US651 Datasheet HTML 4Page - Melexis Microelectronic Systems US651 Datasheet HTML 5Page - Melexis Microelectronic Systems US651 Datasheet HTML 6Page - Melexis Microelectronic Systems US651 Datasheet HTML 7Page - Melexis Microelectronic Systems US651 Datasheet HTML 8Page - Melexis Microelectronic Systems US651 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
US651 / US661
Two-Coil Low Noise Fan Driver
390109020902
Page 5 of 12
Preliminary Datasheet
Rev 002
Mar/07
8 Output Behaviour vs Magnetic Pole
Parameter
Test Conditions
OUT1
OUT2
FG
North pole
B < Brp
Low
High
Low
South pole
B > Bop
High
Low
High
Table 5: Driver output vs magnetic pole
Note : The magnetic pole is applied facing the branded side of the package
9 Detailed General Description
The US651/661 is a one-chip solution for driving two-coil brushless DC fans. Based on CMOS process, the
chip contains a Hall-effect sensor with dynamic offset correction, logic control and two low-ohmic open-drain
output drivers.
The output drivers OUT1 and OUT2 are fully protected against switching transients. So there is no need of
external zener diode to cut the high voltage spikes induced by the fan coils.
In case the junction temperature TJ exceeds TSD, the thermal protection stops the current flowing through the
full bridge by setting the outputs OUT1 and OUT2 low and setting the output FG (RD) high.
The IC stays in this state until the junction temperature decreases below TREL.
Reverse voltage protection is integrated on the VDD pin.
The FG/RD open drain output has an internal current limit which protects the driver in case of accidentally big
current flow through the logic driver. It could occur if a low-ohmic pull-up resistor is used or if the FG/RD
output is directly short connected to a supply voltage.
The US651 has an open-drain tachometer FG output that follows the Hall signal, thus enabling to determine
the rotation speed of the fan.
In the US661, the open-drain alarm output RD is a safety signal which allows detecting if the fan rotates or
not. It is active low during normal spinning of the motor. It goes high when the magnetic flux switching
frequency drops below nearly:
- 2Hz for 12V application (60RPM for 2 pole-pair fan)
- 1Hz for 5V application (30RPM for 2 pole-pair fan)


Similar Part No. - US651

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
US65EDC MELEXIS-US65EDC Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
More results

Similar Description - US651

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
US65 MELEXIS-US65 Datasheet
320Kb / 12P
   Two-Coil Low Noise Fan Driver High Output Current
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com