Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLX81100 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # MLX81100
Description  LIN Slave for FET Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81100 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX81100 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX81100 Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MLX81100
LIN Slave for FET Control
MLX81100 – Product Abstract
Page 11 of 15
July 2007
Rev 015
4. Pin Description
Table 3 – Pin Description MLX81100 MLF 6x6 40
Name
Function
I/O Type
VS
HV supply, battery voltage
P
VDD5V
Internal regulated voltage supply, 5V supply output
P
V1V8
Internal regulated voltage supply, 1.8V supply output
P
GND
Ground
P
PS
Switchable battery supply
P
GND
Ground
P
SHNT_L
Low shunt input for differential ADC measurement
I
GND
Ground
GND
SW1
HV in- or output, ADC-input
IO
SW2
HV in- or output, ADC-input
IO
SW3
HV in- or output, ADC-input
IO
SW4
HV in- or output, ADC-input
IO
SW5
HV in- or output, ADC-input
IO
SW6
HV in- or output, ADC-input
IO
SW7
HV in- or output, ADC-input
IO
SW8
HV in- or output, ADC-input
IO
LIN
Connection to LIN bus
IO
GND
Ground
GND
CWD
Watchdog capacitor
IO
VDRV
Clamped 12V reference voltage for bootstrap
P
HSBC1
High side bootstrap capacitor driver 1
O
HS1
N-FET high side gate driver 1
O
BRMID1
Source connection of HS1
I
HSBC2
High side bootstrap capacitor driver 2
O
HS2
N-FET high side gate driver 2
O
BRMID2
Source connection of HS2
I
LS1
N-FET low side gate driver 1
O
LS2
N-FET low side gate driver 2
O
GND
Ground
GND


Similar Part No. - MLX81100

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81100KLQBAA000RE MELEXIS-MLX81100KLQBAA000RE Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KLQBAA000TU MELEXIS-MLX81100KLQBAA000TU Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KPFBAA000RE MELEXIS-MLX81100KPFBAA000RE Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KPFBAA000TR MELEXIS-MLX81100KPFBAA000TR Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100 MELEXIS-MLX81100_14 Datasheet
393Kb / 19P
   DC-Motor Controller
More results

Similar Description - MLX81100

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81150 MELEXIS-MLX81150 Datasheet
591Kb / 23P
   LIN-Slave for relay and DC motor control
MLX80104 MELEXIS-MLX80104 Datasheet
3Mb / 100P
   LIN Slave Controller for Switches
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
NXP Semiconductors
UJA1023 NXP-UJA1023 Datasheet
1Mb / 49P
   LIN-I/O slave
Rev. 5-17 August 2010
logo
Yamar Electronics Ltd.
ISL40 YAMAR-ISL40 Datasheet
169Kb / 12P
   Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
logo
New Japan Radio
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
   PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
NJM2379 NJRC-NJM2379 Datasheet
296Kb / 8P
   PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE?
logo
Synaptics Incorporated.
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
   Control Interface: I2C slave only
logo
Infineon Technologies A...
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
   Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
logo
International Rectifier
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com