Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH71111 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH71111
Description  868/915MHz FSK/FM/ASK Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71111 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH71111 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 9Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 10Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 11Page - Melexis Microelectronic Systems TH71111 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TH71111
868/915MHz
FSK/FM/ASK Receiver
39010 71111
Page 8 of 22
Data Sheet
Rev. 013
June/07
Pin No.
Name
I/O Type
Functional Schematic
Description
21
RSSI
analog
output
I (Pi)
RSSI
21
50
Ω
36k
RSSI output, for RSSI and
ASK detection, approx.
36k
Ω output impedance
22
VEE_BIAS
ground
ground of general
bias system and OA
23
OUTP
analog
output
FSK/FM positive output,
output impedance of
100k
Ω to 300kΩ
24
OUTN
analog
output
OUTP
OUTN
23
24
50
Ω
20µA
20µA
FSK/FM negative output,
output impedance of
100k
Ω to 300kΩ
25
VEE_RO
ground
ground of DIV, PFD, RO
and charge pump
26
RO
analog
input
RO
26
30p
30p
50k
RO input, Colpitts type
oscillator with internal feed-
back capacitors
27
VCC_PLL
supply
positive supply of DIV, PFD,
RO and charge pump
28
ENRX
digital
input
ENRX
28
1.5k
mode control input,
CMOS-compatible with
internal pull-down circuit
29
LF
analog I/O
LF
29
200
Ω
400
Ω
4p
charge pump output and
VCO1 control input
30
VEE_LNA
ground
ground of LNA biasing
32
VCC_LNA
supply
positive supply of
LNA biasing


Similar Part No. - TH71111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
   868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
TH71112ENE MELEXIS-TH71112ENE Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
More results

Similar Description - TH71111

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
   868/915MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
   868/915MHz FSK/FM/ASK Transmitter
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Melexis Microelectronic...
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com