Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH71101ENE Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # TH71101ENE
Description  315/433MHz FSK/FM/ASK Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71101ENE Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button TH71101ENE Datasheet HTML 6Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 7Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 8Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 9Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 10Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 11Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 12Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 13Page - Melexis Microelectronic Systems TH71101ENE Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TH71101
315/433MHz
FSK/FM/ASK Receiver
39010 71101
Page 10 of 22
Data Sheet
Rev. 014
June/07
3.4
DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA= 23 °C and VCC = 3 V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Currents
Standby current
ISBY
ENRX=0
50
100
nA
Supply current at low gain
ICC, low
ENRX=1
GAIN_LNA=1
4.0
6.5
12.0
mA
Supply current at high gain
ICC, high
ENRX=1
GAIN_LNA=0
4.5
8.2
14.0
mA
Digital Pin Characteristics
Input low voltage CMOS
VIL
ENRX pin
-0.3
0.3*Vcc
V
Input high voltage CMOS
VIH
ENRX pin
0.7*VCC
VCC+0.3
V
Pull down current
ENRX pin
IPDEN
ENRX=1
0.1
2
10
µA
Low level input current
ENRX pin
IINLEN
ENRX=0
0.05
µA
Analog Pin Characteristics
High level input current
GAIN_LNA pin
IINHGAIN
GAIN_LNA=1
0.05
µA
Pull up current
GAIN_LNA pin active
IPUGAINa
GAIN_LNA=0
ENRX=1
0.08
0.15
0.3
µA
Pull up current
GAIN_LNA pin standby
IPUGAINs
GAIN_LNA=0
ENRX=0
0.05
µA
High gain input voltage
VIHGAIN
ENRX=1
0.7
V
Low gain input voltage
VILGAIN
ENRX=1
1.5
V
Opamp Characteristics
Opamp input offset voltage
Voffs
-35
35
mV
Opamp input offset current
Ioffs
IOAP – IOAN
-50
50
nA
Opamp input bias current
Ibias
0.5 * (IOAP + IOAN)
-150
150
nA
RSSI Characteristics
RSSI voltage at low input level
VRSSI, low
Pi = -65 dBm,
GAIN_LNA=1
0.5
1.0
1.5
V
RSSI voltage at high input level
VRSSI, high Pi = -35 dBm,
GAIN_LNA=1
1.2
1.9
2.5
V


Similar Part No. - TH71101ENE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71101ENECAA-000RE MELEXIS-TH71101ENECAA-000RE Datasheet
389Kb / 20P
   FSK/ASK Receiver
TH71101ENECAA-000TR MELEXIS-TH71101ENECAA-000TR Datasheet
389Kb / 20P
   FSK/ASK Receiver
More results

Similar Description - TH71101ENE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
   315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
   315/433MHz FSK/ASK Receiver
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
   315/433MHz FSK/FM/ASK Transmitter
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
   FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
logo
Microchip Technology
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
   UHF ASK/FSK/FM Receiver
2003
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
   433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com