Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH8065 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH8065
Description  Voltage Regulator with LIN Transceiver and Watchdog
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH8065 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH8065 Datasheet HTML 2Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 3Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 4Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 5Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 6Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 7Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 8Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 9Page - Melexis Microelectronic Systems TH8065 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TH8065
Voltage Regulator with LIN Transceiver and Watchdog
TH8065 – Datasheet
Page 6 of 40
3901008065
May 2006
Rev 003
2.3 Static Characteristics
Unless otherwise specified all values in the following tables are valid for VSUP = 6 to 18V and
TAMB = -40 to 125
oC. All voltages are referenced to ground (GND), positive currents flow into the IC.
2.3.1. Voltage Regulator and Reset Unit
Parameter
Symbol
Condition
Min
Typ
Max
Unit T[1]
VSUP
Operating voltage
VSUP
6
12
18
V
B
Supply current, VCC „noload“ [2]
ISnl
VEN = VSUP = 13V,
CWD=1nF,
BUS: 1k to VSUP,
Pins TxD, RxD, WDI and
RESET open, EN = VCC
200
300
μA A
Supply current, „sleep mode“
ISsleep
VSUP = 13V, VEN = 0V,
BUS: 1k to VSUP
15
30
μA A
VSUP under voltage reset “off”
threshold
VSUVR_OFF VSUP ramp up
3.2
3.7
4.2
V
A
VSUP under voltage reset “on”
threshold
VSUVR_ON
VSUP ramp down
2.7
3.1
3.5
V
A
VSUP under voltage reset hysteresis
VSUVR_HYS
0.2
V
A
VCC
VCCn
6V
≤ VSUP ≤ 18V
1mA
≤ ILOAD ≤ 70mA
TA = 25°C
TA = -40°C to 125°C
4.90
4.85
5.0
5.10
5.15
V
A
Output voltage VCC
VCCh
18V
≤ VSUP ≤ 40V
ILOAD = 10mA
4.80
5.25
V
A
VD10
IVCC = 10mA
75
120
mV A
VD30
IVCC = 30mA
220
350
mV A
Drop-out voltage [3]
VD70
IVCC = 70mA
500
800
mV A
Line regulation
VLNR
6V
≤ VSUP ≤ 18V
20
mV A
VLDR10
ILOAD = 1mA
10mA
50
mV A
VLDR30
ILOAD = 1mA
30mA
90
mV A
Load regulation
VLDR70
ILOAD = 1mA
70mA
150
mV A
Output current limitation
IVCC_max
VSUP > 0V
80
130
200
mA A
Ripple Rejection on VSUP
PSRR
VSUP = 12V, fi = 120Hz, ViP-P =
1V, ILOAD = 10mA
t.b.d
dB


Similar Part No. - TH8065

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
TH8061KDCA MELEXIS-TH8061KDCA Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAA MELEXIS-TH8062KDCAA Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
TH8062KDCAB MELEXIS-TH8062KDCAB Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results

Similar Description - TH8065

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N Datasheet
496Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com