Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITA18C1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ITA18C1
Description  MONOLITHICTRANSIL ARRAY FOR DATA LINE PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ITA18C1 Datasheet(HTML) 1 Page - STMicroelectronics

  ITA18C1 Datasheet HTML 1Page - STMicroelectronics ITA18C1 Datasheet HTML 2Page - STMicroelectronics ITA18C1 Datasheet HTML 3Page - STMicroelectronics ITA18C1 Datasheet HTML 4Page - STMicroelectronics ITA18C1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MONOLITHIC TRANSIL
® ARRAY FOR DATA LINE PROTECTION
IN ACCORDANCE WITH :
- ESD standard :
. IEC 801-2
15kV
5ns / 50ns
. IEC 801-4
40A
5ns / 50ns
. IEC 801-5
1kV
1.2 / 50
µs
25A
8 / 20
µs
. MIL STD 883C - Method 3015-2
VP = 25kV
C = 150pF
R = 150
5 s duration
- Human body test :
VP = 4kV
C = 150pF
R = 150
FEATURES
HIGH SURGE CAPABILITY TRANSIL ARRAY
IPP = 40 A 8/20
µs
UP TO 5 BIDIRECTIONAL TRANSIL FUNC-
TIONS
BREAK DOWN VOLTAGE AND MAXIMUM DIF-
FERENTIAL
VOLTAGE
BETWEEN
TWO
INPUT PINS :
ITA6V5 = 6.5 V
ITA10 = 10 V
ITA18 = 18 V
ITA25 = 25 V
LOW CLAMPING FACTOR (VCL /VBR) AT HIGH
CURRENT LEVEL
LOW LEAKAGE CURRENT
LOW INPUT CAPACITANCE
SO8
FUNCTIONAL DIAGRAM
DESCRIPTION
This is a specific transil array for RS232, RS423 in-
terface protection developed in monolithic chip
form in order to provide a high surge capability and
a low clamping voltage
EQUIVALENT TO 4 BIDIRECTIONAL TRANSILS
5 GND
6
7
8 GND
April 1998 - Ed: 3
I/04 4
I/03 3
I/02 2
I/01 1
ITA6V5C1 / ITA10C1
ITA18C1 / ITA25C1
1/5


Similar Part No. - ITA18C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA18B1 STMICROELECTRONICS-ITA18B1 Datasheet
149Kb / 5P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
ITA18B1 STMICROELECTRONICS-ITA18B1 Datasheet
69Kb / 6P
   BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
ITA18B1 STMICROELECTRONICS-ITA18B1 Datasheet
88Kb / 7P
   Bidirectional Transil??array for data line protection
ITA18B1RL STMICROELECTRONICS-ITA18B1RL Datasheet
69Kb / 6P
   BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
ITA18B1RL STMICROELECTRONICS-ITA18B1RL Datasheet
88Kb / 7P
   Bidirectional Transil??array for data line protection
More results

Similar Description - ITA18C1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITAXXU1 STMICROELECTRONICS-ITAXXU1_07 Datasheet
90Kb / 8P
   Transil array for data line protection
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
   Bidirectional Transil??array for data line protection
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
   Bidirectional Transil array for data line protection
logo
ON Semiconductor
NUP4302MR6 ONSEMI-NUP4302MR6 Datasheet
84Kb / 4P
   Schottky Diode Array for Four Data Line ESD Protection
December, 2004 ??Rev. 2
NUP6101DMR2 ONSEMI-NUP6101DMR2 Datasheet
55Kb / 4P
   Unidirectional TVS Array for High-Speed Data Line Protection
March, 2004 ??Rev. 1
CM1234 ONSEMI-CM1234_14 Datasheet
149Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
CM1233 ONSEMI-CM1233_14 Datasheet
152Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 4
NUP4302MR6 ONSEMI-NUP4302MR6_06 Datasheet
123Kb / 4P
   Schottky Diode Array for Four Data Line ESD Protection
March, 2006 ??Rev. 3
CM1236 ONSEMI-CM1236_14 Datasheet
147Kb / 9P
   ESD Clamp Array for High Speed Data Line Protection
January, 2014 ??Rev. 5
logo
Bruckewell Technology L...
ESDA6V1W6 BWTECH-ESDA6V1W6 Datasheet
426Kb / 4P
   Transil array for data protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com